Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80CL31 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 80CL31
Description  Low-voltage single-chip 8-bit microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80CL31 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 80CL31 Datasheet HTML 5Page - NXP Semiconductors 80CL31 Datasheet HTML 6Page - NXP Semiconductors 80CL31 Datasheet HTML 7Page - NXP Semiconductors 80CL31 Datasheet HTML 8Page - NXP Semiconductors 80CL31 Datasheet HTML 9Page - NXP Semiconductors 80CL31 Datasheet HTML 10Page - NXP Semiconductors 80CL31 Datasheet HTML 11Page - NXP Semiconductors 80CL31 Datasheet HTML 12Page - NXP Semiconductors 80CL31 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
9
2 OSCILLATOR PERIODS
STRONG PULL UP
+5V
I/O PIN
P3
P2
P1
n
FROM
PORT
LATCH
Q
INPUT DATA
READ PORT PIN
INPUT BUFFER
(a)
STRONG PULL UP
+5V
P1
n
I/O PIN
FROM
PORT
LATCH
Q
(b)
+5V
I/O PIN
EXT.
PULL UP
n
INPUT BUFFER
INPUT DATA
FROM
PORT
LATCH
Q
READ PORT PIN
(c)
Figure 3. Ports
The definition of port options for port 0 is slightly different. Two
cases have to be examined. First, accesses to external memory
(EA=0 or access above the built -in memory boundary), second, I/O
accesses.
External Memory Accesses
Option 1: True 0 and 1 are written as address to the external
memory (strong pull up is used).
Option 2: An external pull up resistor is needed for external
accesses.
Option 3: Not allowed for external memory access as the port can
only be used as output.
I/O Accesses
Option 1: When writing a 1 to the port-latch, the strong pull up p1
will be on for 2 oscillator periods. No weak pull up exists.
Without an external pull up, this option can be used as a
high-impedance input.
Option 2: Open drain; quasi-bidirectional I/O with n-channel open
drain output. Use as an output requires the connection of
an external pull up resistor (see Figure 3(c)).
Option 3: Push-Pull; output with drive capability in both polarities.
Under this option, pins can only be used as outputs.
Individual mask selection of the post-reset state is available on any
of the above pins. Make your selection by appending “S” or “R” to
option 1, 2, or 3 above (e.g. 1 S for a standard I/O to be set after
RESET or 2R for an open-drain I/O to be reset after RESET).
1.3
Timer/event counter
The 80CL51 contains two 16-bit Timer/Counter registers, Timer 0
and Timer 1, which can perform the following functions:
– Measure time intervals and pulse durations
– Count events
– Generate interrupts requests


Similar Part No. - 80CL31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80CL410 PHILIPS-80CL410 Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
logo
International Rectifier
80CLQ150 IRF-80CLQ150 Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80CLQ150 IRF-80CLQ150 Datasheet
107Kb / 4P
   SCHOTTKY RECTIFIER
80CLQ150 IRF-80CLQ150_15 Datasheet
107Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 80CL31

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com