Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL7090RDO-L100-00004 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XL7090RDO-L100-00004
Description  Cree XLamp 7090 Packaged LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XL7090RDO-L100-00004 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XL7090RDO-L100-00004 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL7090RDO-L100-00004 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute
aximum
M
Ratings
Optical
eristics
(I
Charact
f = 350mA,
TA = 25°C)
Electrical
Characteristics
Optical
Characteristics
Relative
Spectral
Power
Distribution
Relative
Spectral
Power
Distribution
Absolute
Maximum
Ratings
notice.
CLDS-XL7090 - 1104
www.cree.com/xlamp
Page 2 of 19
Specifications subject to change without
Unit
InGaN
AlInGaP
DC Forward Current
mA
350/700
350/700
Reverse Voltage
V
5
5
LED Junction Temperature
°C
125
125
Storage Temperature
°C
-20 to +100
-20 to +100
Operating Temperature
°C
-20 to +80
-20 to +80
ESD Classification
(HBM per Mil-Std-883D)
Class 2
Class 2
Wavelength or CCT
Color
Min
Max
Viewing Angle
(degrees)
White
4500K
8000K
100
Royal Blue
455nm
465nm
100
Blue
465nm
475nm
100
Cyan
500nm
510nm
100
Green
520nm
535nm
100
Amber
590nm
600nm
100
Red-Orange
610nm
620nm
100
Red
620nm
635nm
100
Note: Temperature coefficient of Voltage: -2.8-3m V/ºC
Heat management is critical when designing LED-based applications. The coefficient of
temperature increase per input of electric power at room temperature is about .05ºC/mW at the
LED’s active layer or higher when LEDs are densely mounted. Operating current should be
decided after considering the ambient maximum temperature when the LEDs are illuminating.
Color
Max Forward Voltage
(Volts)
Thermal Resistance,
junction to solder point
Typical (°C/W)
Luminous
or Radiant
Flux (lm)
Typical
350 mA
Luminous
or Radiant
Flux (lm)
Typical
700 mA
White
4.0
17
60
98
Royal Blue
4.0
17
255mW
410 mW
Blue
4.0
17
19
31
Cyan
4.0
17
30
48
Green
4.0
17
45
73
Amber
3.0
17
27
44
Red-Orange
3.0
17
38
62
Red
3.0
17
34
55
0
10
20
30
40
50
60
70
80
90
100
350
400
450
500
550
600
650
700
750
800
Wavelength (nm )


Similar Part No. - XL7090RDO-L100-00004

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
   0.5A 200KHz 65V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
logo
XLSEMI
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
XL7005E1 XLSEMI-XL7005E1 Datasheet
205Kb / 7P
   0.5A 200KHz 65V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7015 ETC2-XL7015 Datasheet
528Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
More results

Similar Description - XL7090RDO-L100-00004

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com