Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S83L51FB-5B44 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # S83L51FB-5B44
Description  CMOS single-chip 3.0V 8-bit microcontrollers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S83L51FB-5B44 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button S83L51FB-5B44 Datasheet HTML 4Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 5Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 6Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 7Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 8Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 9Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 10Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 11Page - NXP Semiconductors S83L51FB-5B44 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
87L51FA/87L51FB
CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
3-157
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, –40 to +85°C, VCC = 3.0V to 4.5V, VSS = 0V
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP1
MAX
UNIT
VIL
Input low voltage, except EA2,3
–0.5
0.8
V
VIL1
Input low voltage to EA2,3
0
0.8
V
VIH
Input high voltage, except XTAL1, RST2,4
2.0
VCC+0.5
V
VIH1
Input high voltage, XTAL1, RST2,4
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 35
IOL = 1.6mA6
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN5
IOL = 3.2mA6
0.45
V
VOH
Output high voltage, ports 1, 2, 3, ALE, PSEN7
IOH = –20µA
VCC – 0.5
V
VOH1
Output high voltage (port 0 in external bus mode),
ALE8, PSEN7
IOH = –3.2mA
VCC – 0.7
V
IIL
Logical 0 input current, ports 1, 2, 32
VIN = 0.4V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 32
See note 9
–650
µA
ILI
Input leakage current, port 0
0.45 VIN < VCC – 0.3
±10
µA
ICC
Power supply current:2
Active mode @ 20MHz10
Idle mode @ 20MHz
Power-down mode
See note 11
9
2
10
22
6
75
mA
mA
µA
RRST
Internal reset pull-down resistor
40
225
k
CIO
Pin capacitance12 (except EA)
15
pF
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 3.3V.
2. These values apply only to Tamb = 0°C to +70°C.
3. For VCC voltages above 3.6V and less than 5.5V, VIL = 0.3VCC – 0.1
4. For VCC voltages above 3.6V and less than 5.5V, VIH = 0.3VCC + 0.92
5. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA (*NOTE: This is 85
°C specification.)
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
6. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
7. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specification when the
address bits are stabilizing.
8. ALE is tested to VOH1, except when ALE is off then VOH is the voltage specification.
9. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 1.5V.
10. ICCMAX at other frequencies is given by: Active mode: ICCMAX = 0.8 × FREQ + 6: Idle mode: ICCMAX = 0.19 × FREQ +2.50,
where FREQ is the external oscillator frequency in MHz. ICCMAX is given in mA. See Figure 8.
11. See Figures 9 through 12 for ICC test conditions.
12. Pin capacitance is less than 25pF. Pin capacitance of ceramic package is less than 15pF (except EA is 25pF). These values are
guaranteed by design and are not tested.


Similar Part No. - S83L51FB-5B44

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
   Linear LED Driver IC
logo
Satco Products, Inc.
S8300 SATCO-S8300 Datasheet
124Kb / 1P
   5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8303 SATCO-S8303 Datasheet
124Kb / 1P
   7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8305 SATCO-S8305 Datasheet
124Kb / 1P
   7 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
logo
Roithner LaserTechnik G...
S8305MG ROITHNER-S8305MG Datasheet
384Kb / 5P
   Infrared Laser Diode
More results

Similar Description - S83L51FB-5B44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com