Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-S128K32N-035P2Q Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT-S128K32N-035P2Q
Description  High Speed 4 Megabit SRAM Multichip Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32N-035P2Q Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACT-S128K32N-035P2Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-S128K32N-035P2Q Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
8
Pin Numbers & Functions
68 Pins — Single-Cavity CQFP
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1GND
18
GND
35
OE
52
GND
2CE3
19
I/O8
36
CE2
53
I/O23
3A5
20
I/O9
37
NC
54
I/O22
4A4
21
I/O10
38
WE2
55
I/O21
5A3
22
I/O11
39
WE3
56
I/O20
6A2
23
I/O12
40
WE4
57
I/O19
7A1
24
I/O13
41
NC
58
I/O18
8A0
25
I/O14
42
NC
59
I/O17
9NC
26
I/O15
43
NC
60
I/O16
10
I/O0
27
VCC
44
I/O31
61
VCC
11
I/O1
28
A11
45
I/O30
62
A10
12
I/O2
29
A12
46
I/O29
63
A9
13
I/O3
30
A13
47
I/O28
64
A8
14
I/O4
31
A14
48
I/O27
65
A7
15
I/O5
32
A15
49
I/O26
66
A6
16
I/O6
33
A16
50
I/O25
67
WE1
17
I/O7
34
CE1
51
I/O24
68
CE4
All dimensions in inches
Package Outline — CQFP Single Cavity "F18"
.015
.990 SQ
±.010
.940 SQ
±.009
.800 NOM
See Detail “A”
±.002
Pin 60
Pin 44
Pin 43
Pin 27
Pin 26
Pin 10
Pin 9
.900 SQ
MAX
Pin 61
.140
REF
.008
±.002
Detail “A”
.018
.030
.020
.110
REF
.050
TYP
Pin 1
MIN


Similar Part No. - ACT-S128K32N-035P2Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017F2Q AEROFLEX-ACT-S128K32V-017F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017P7Q AEROFLEX-ACT-S128K32V-017P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020F2Q AEROFLEX-ACT-S128K32V-020F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020P7Q AEROFLEX-ACT-S128K32V-020P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S128K32N-035P2Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Aeroflex Circuit Techno...
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
logo
List of Unclassifed Man...
EDI8M1665C ETC1-EDI8M1665C Datasheet
282Kb / 6P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8F4258C ETC1-EDI8F4258C Datasheet
284Kb / 7P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M4257C ETC1-EDI8M4257C Datasheet
234Kb / 5P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M1664C ETC1-EDI8M1664C Datasheet
452Kb / 8P
   HIGH SPEED MEGABIT SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com