Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-S128K32C-017P2Q Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-S128K32C-017P2Q
Description  High Speed 4 Megabit SRAM Multichip Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32C-017P2Q Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-S128K32C-017P2Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32C-017P2Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Symbol
Rating
Range
Units
TC
Case Operating Temperature
-55 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
PD
Maximum Package Power Dissipation
F1, P2/P6, P3/P7 Packages
4.4
W
F2,F18 Package
3.3
W
ØJ-C
Hottest Die, Max Thermal Resistance - Junction to Case
F1, P2/P6, P3/P7 Packages
2.0
°C/W
F2,F18 Package
8.0
°C/W
VG
Maximum Signal Voltage to Ground
-0.5 to +7
V
TL
Maximum Lead Temperature (10 seconds)
300
°C
Normal Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+4.5
+5.5
V
VIH
Input High Voltage
+2.2
VCC + 0.3
V
VIL
Input Low Voltage
-0.5
+0.8
V
Truth Table
Mode
CE
OE
WE
Data I/O
Power
Standby
H
X
X
High Z
Standby (deselect/power down)
Read
L
L
H
Data Out
Active
Read
L
H
H
High Z
Active (deselected)
Write
L
X
L
Data In
Active
Capacitance
(f = 1MHz, TC = 25°C)
Symbol Parameter
Maximum
Units
CAD
A0 A16 Capacitance
50
pF
COE
OE Capacitance
50
pF
CWE
CQFP(F1) Package
50
pF
PGA(P2,P3,P6,P7) and CQFP(F2,F18) Packages
20
pF
CCE
Chip Enable Capacitance
20
pF
CI/O
I/O0 – I/O31 Capacitance
20
pF
Capacitance is guaranteed by design but not tested.
DC Characteristics
(4.5Vdc< VCC < 5.5Vdc, VSS = 0V, TC = -55°C to +125°C, Unless otherwise specified)
Parameter
Sym
Conditions
–017 & –020
Min
Max
–025 & –035
Min
Max
–045 & –055
Min
Max
Units
Input Leakage Current
ILI
VCC = Max,
VIN =0or VCC
10
10
10
µA
Output Leakage Current
ILO
CE = VIH, OE = VIH,
VOUT =0or VCC
10
10
10
µA
Operating Supply Current 32 Bit
Mode
ICCx32
CE = VIL, OE = VIH,
f = 5 MHz, VCC = Max,
CMOS Compatible
600
600
600
mA


Similar Part No. - ACT-S128K32C-017P2Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017F2Q AEROFLEX-ACT-S128K32V-017F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017P7Q AEROFLEX-ACT-S128K32V-017P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020F2Q AEROFLEX-ACT-S128K32V-020F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020P7Q AEROFLEX-ACT-S128K32V-020P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S128K32C-017P2Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Aeroflex Circuit Techno...
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
logo
List of Unclassifed Man...
EDI8M1665C ETC1-EDI8M1665C Datasheet
282Kb / 6P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8F4258C ETC1-EDI8F4258C Datasheet
284Kb / 7P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M4257C ETC1-EDI8M4257C Datasheet
234Kb / 5P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M1664C ETC1-EDI8M1664C Datasheet
452Kb / 8P
   HIGH SPEED MEGABIT SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com