Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74STX1G79TX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74STX1G79TX
Description  SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX1G79TX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74STX1G79TX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX1G79TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX1G79TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX1G79TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX1G79TX Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8569A
01/31/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX1G79
SOTiny™ Gate STX Single Positive
Edge-TriggeredD-TypeFlip-Flop
Notes:
3. TA =+25°C,f=1MHz
4. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption
(ICCD) at no output loading and operating at 50% duty cycle (see Figure 2). CPD is related to ICCD dynamic operating current by
the expression: ICCD = (CPD)(VCC)(fIN) + (ICC static).
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
p
y
T.
x
a
Ms
ti
n
Us
n
o
it
i
d
n
o
C
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I3
F
p
V C
C
V
,
n
e
p
O
=
N
I
V
r
o
V
0
=
C
C
C T
U
O
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O4
V C
C
V
,
V
3
.
3
=
N
I
V
r
o
V
0
=
C
C
C D
P
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
si
D
r
e
w
o
P
)
4
(
8
0
1
2
1
4
1
V C
C
V
8
.
1
=
V C
C
V
5
.
2
=
V C
C
V
3
.
3
=
V C
C
V
0
.
5
=
Capacitance(3)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
it
i
d
n
o
C
TA
C
°
5
2
+
=
TA
o
t
C
°
0
4
–
=
C
°
5
8
+
s
ti
n
U
.
g
i
F
.
o
N
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
f X
A
M
y
c
n
e
u
q
e
r
F
k
c
o
l
C
m
u
m
i
x
a
M5
1
.
0
±
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
0
5
=
RL 5
= 0
s
m
h
o
0
0
0
1
5
2
1
0
5
1
0
5
1
0
0
1
5
2
1
0
5
1
0
5
1
z
H
M
1
3
t H
L
P ,
t L
H
P
Q
o
t
K
L
C
y
al
e
D
n
o
it
a
g
a
p
o
r
P
T
U
O
5
1
.
0
±
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
5
1
=
RL = 1
m
h
o
M
0
.
3
8
.
1
5
.
1
0
.
1
6
.
6
7
.
3
8
.
2
1
.
2
2
.
7
1
.
4
2
.
3
6
.
2
0
.
3
8
.
1
5
.
1
0
.
1
9
.
7
5
.
4
5
.
3
9
.
2
s
n
1
3
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
0
5
=
RL =50
s
m
h
o
0
5
.
1
0
.
1
3
.
3
4
.
2
5
.
4
2
.
3
5
.
1
0
.
1
0
.
5
5
.
3
1
3
tS
D
o
t
K
L
C
,
e
m
i
T
p
u
t
e
S
N
I
5
1
.
0
±
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
0
5
=
RL =50
s
m
h
o
0
0
.
4
0
.
2
5
.
1
1
.
1
0
.
3
5
.
1
1
.
1
9
.
0
1
4
tH
,
e
m
i
T
d
l
o
HD
o
t
K
L
C
N
I
5
1
.
0
±
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
0
5
=
RL 5
= 0
s
m
h
o
0
4
.
0
5
.
0
5
.
0
5
.
0
0
0
0
0
4
.
0
5
.
0
5
.
0
5
.
0
1
4
tW
K
L
C
,
h
t
d
i
W
e
sl
u
P5
1
.
0
±
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
0
5
=
RL =50
s
m
h
o
0
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
1
4
ACElectricalCharacteristics


Similar Part No. - PI74STX1G79TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1G02CX PERICOM-PI74STX1G02CX Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1G02TX PERICOM-PI74STX1G02TX Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1G04 PERICOM-PI74STX1G04 Datasheet
161Kb / 4P
   SO TINY GATE STX INVERTER
PI74STX1G04CX PERICOM-PI74STX1G04CX Datasheet
161Kb / 4P
   SO TINY GATE STX INVERTER
More results

Similar Description - PI74STX1G79TX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com