Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74STX1G79CX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74STX1G79CX
Description  SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX1G79CX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74STX1G79CX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX1G79CX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX1G79CX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX1G79CX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX1G79CX Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8569A
01/31/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX1G79
SOTiny™ Gate STX Single Positive
Edge-TriggeredD-TypeFlip-Flop
.102
.118
BSC
0.60
12
3
.000
.005
0.00
0.15
.014
.019
0.35
0.50
54
1.50
1.75
.059
.068
0.10
.023
.004
1.45 MAX.
SEATING
PLANE
.057
0” - 10”
1.90
.075
.037
BSC
2.60
3.00
0.95
.110
.118
2.80
3.00
X.XX
X.XX
Datum "A"
DENOTES DIMENSIONS
IN MILIMETERS
5-Pin SOT23 (T) Package
GUAGE PLANE
SEATING PLANE
SEATING PLANE
DENOTES DIMENSIONS
IN MILLIMETERS
Notes:
1. Controlling dimensions in millimeters
2. Ref: JEDEC MO-203AA
BSC
VIEW A
BSC
REV
0˚-8˚
4˚-10˚
0.15
.321
0.42
.017
.010
.018
0.26
0.46
.006
3
4
5
2
1
.011
.026 0.65
BSC
.083
2.10
BSC
.049
1.25
BSC
.051
1.30
BSC
.079 2.00
0.15
0.30
MAX
.004
0.10
00
XXX
XXX
1.10
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
OrderingInformation
5-Pin SC70 Package (C)
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pg
n
i
k
r
a
M
p
o
Te
g
n
a
R
g
n
it
a
r
e
p
O
X
T
9
7
G
1
X
T
S
4
7
I
P3
2
T
O
S
-
n
i
P
-
5F
4
MC
º
5
8
o
t
C
º
0
4
–
X
C
9
7
G
1
X
T
S
4
7
I
P0
7
C
S
-
n
i
P
-
5F
4
MC
º
5
8
o
t
C
º
0
4
–


Similar Part No. - PI74STX1G79CX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1G02CX PERICOM-PI74STX1G02CX Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1G02TX PERICOM-PI74STX1G02TX Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1G04 PERICOM-PI74STX1G04 Datasheet
161Kb / 4P
   SO TINY GATE STX INVERTER
PI74STX1G04CX PERICOM-PI74STX1G04CX Datasheet
161Kb / 4P
   SO TINY GATE STX INVERTER
More results

Similar Description - PI74STX1G79CX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com