Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S87L51FA-8A44 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # S87L51FA-8A44
Description  CMOS single-chip 3.0V 8-bit microcontrollers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87L51FA-8A44 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button S87L51FA-8A44 Datasheet HTML 6Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 7Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 8Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 9Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 10Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 11Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 12Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 13Page - NXP Semiconductors S87L51FA-8A44 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
87L51FA/87L51FB
CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
3-159
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has five characters. The first character is always
‘t’ (= time). The other characters, depending on their positions,
indicate the name of a signal or the logical status of that signal. The
designations are:
A – Address
C – Clock
D – Input data
H – Logic level high
I – Instruction (program memory contents)
L – Logic level low, or ALE
P – PSEN
Q – Output data
R– RD signal
t – Time
V – Valid
W– WR signal
X – No longer a valid logic level
Z – Float
Examples: tAVLL = Time for address valid to ALE low.
tLLPL= Time for ALE low to PSEN low.
tPXIZ
ALE
PSEN
PORT 0
PORT 2
A0–A15
A8–A15
A0–A7
A0–A7
tAVLL
tPXIX
tLLAX
INSTR IN
tPLIV
tLHLL
tPLPH
tLLIV
tPLAZ
tLLPL
tAVIV
SU00056
Figure 1. External Program Memory Read Cycle
ALE
PSEN
PORT 0
PORT 2
RD
A0–A7
FROM RI OR DPL
DATA IN
A0–A7 FROM PCL
INSTR IN
P2.0–P2.7 OR A8–A15 FROM DPF
A0–A15 FROM PCH
tWHLH
tLLDV
tLLWL
tRLRH
tLLAX
tRLAZ
tAVLL
tRHDX
tRHDZ
tAVWL
tAVDV
tRLDV
SU00025
Figure 2. External Data Memory Read Cycle


Similar Part No. - S87L51FA-8A44

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S87L42 INTEL-S87L42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results

Similar Description - S87L51FA-8A44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com