Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK18TA8 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STK18TA8
Description  nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK18TA8 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK18TA8 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
STK18TA8
April 2005
Document Control #ML0028 rev 0.8
5
RTC DC CHARACTERISTICS
Commercial
Industrial
Symbol
Parameter
MIN
MAX
MIN
MAX
Units
Notes
IBAK
RTC Backup Current
-
300
-
350
nA
From either VRTCcap or VRTCbat
VRTCbat
RTC Battery Pin Voltage
1.8
3.3
1.8
3.3
V
Typical = 3.0 Volts during normal
operation
VRTCcap
RTC Capacitor Pin Voltage
1.2
2.7
1.2
2.7
V
Typical = 2.4 Volts during normal
operation
-
1
-
1
min
@ MIN Temperature from Power up
or Enable
tOSCS
RTC Oscillator time to start
-
10
-
10
sec
@25ºC from Power up or Enable
RTC RECOMMENDED COMPONENT CONFIGURATION
X1
X2
Recommended Values
Y1 = 32.768 KHz
RF = 10M Ohm
C1 = 2.2 pF
C2 = 47 pF
Figure 4. RTC COMPONENT CONFIGURATION


Similar Part No. - STK18TA8

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK1820F AUK-STK1820F Datasheet
467Kb / 8P
   Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
STK1820F VBSEMI-STK1820F Datasheet
1Mb / 9P
   N-Channel 200 V (D-S) MOSFET
logo
AUK corp
STK1828EF AUK-STK1828EF Datasheet
284Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828M AUK-STK1828M Datasheet
279Kb / 4P
   N-Channel Enhancement-Mode MOSFET
More results

Similar Description - STK18TA8

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com