Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK18TA8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK18TA8
Description  nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK18TA8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK18TA8 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
April 2005
Document Control #ML0028 rev 0.8
1
STK18TA8
nvTime
TM Event Data Recorder
Serial Peripheral Interface nvSRAM
QuantumTrap
TM CMOS
Nonvolatile Static RAM
Preliminary
FEATURES
• Data integrity of Simtek nvSRAM Combined
with Full-Featured Real-Time Clock
• 40 MHZ SPI interface with compatible
commands to industry standards 1 Mbit SPI
EEPROMs
• STORE to QuantumTrap™ Nonvolatile
Elements is Initiated by Software , device pin
or AutoStore™ on Power Down
• RECALL to SRAM Initiated by Software or
Power Restore
• Unlimited READ and WRITE and RECALL
Cycles
• Watchdog Timer
• Clock Alarm with programmable Interrupts
• Capacitor or battery backup for RTC
• Single 3V +20%, -10% Operation
• Commercial and Industrial Temperatures
• High-reliability
o
Endurance to 1 Million Cycles
o
Retention to 100 years at 85 ºC
• Package: 48-Pin SSOP
DESCRIPTION
The Simtek STK18TA8 combines a 1 Mbit nonvolatile
static RAM and a full-featured real-time clock, in a
reliable, monolithic integrated circuit. A
Serial
Peripheral Interface (SPI) makes system integration
simple.
The
embedded
nonvolatile
elements
incorporate
Simtek’s QuantumTrap
TM
technology
producing the world’s most reliable nonvolatile
memory. The SRAM provides unlimited read and write
cycles, while independent, nonvolatile data resides in
the highly reliable QuantumTrap
TM cell. Data transfers
from the SRAM to the nonvolatile elements (the
STORE
operation) takes place automatically at power
down. On power up, data is restored to the SRAM (the
RECALL
operation) from the nonvolatile memory.
Both the STORE and RECALL operations are also
available under software control.
The Real-Time Clock function provides an accurate
clock with leap year tracking and a programmable,
high accuracy oscillator. The Alarm function is
programmable for one-time alarms or periodic
seconds, minutes, hours, or days. There is also a
programmable Watchdog Timer for process control.
BLOCK DIAGRAM
COLUMN DEC
COLUMN I/O
POWER
CONTROL
STORE/
RECALL
CONTROL
Quantum Trap
1024 X 1024
STATIC RAM
ARRAY
1024 X 1024
STORE
RECALL
VCC
VCAP
RTC
X1
X2
INT
VRTCbat
VRTCcap
Address
Data
SPI
CONTROLLER
SCK
SI
SO
CS
HSB
HOLD
Figure 1. Block Diagram


Similar Part No. - STK18TA8

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK1820F AUK-STK1820F Datasheet
467Kb / 8P
   Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
STK1820F VBSEMI-STK1820F Datasheet
1Mb / 9P
   N-Channel 200 V (D-S) MOSFET
logo
AUK corp
STK1828EF AUK-STK1828EF Datasheet
284Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828M AUK-STK1828M Datasheet
279Kb / 4P
   N-Channel Enhancement-Mode MOSFET
More results

Similar Description - STK18TA8

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com