Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH022A010CK Datasheet(PDF) 1 Page - Rohm

Part # MCH022A010CK
Description  Multi-layer ceramic chip capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH022A010CK Datasheet(HTML) 1 Page - Rohm

  MCH022A010CK Datasheet HTML 1Page - Rohm MCH022A010CK Datasheet HTML 2Page - Rohm MCH022A010CK Datasheet HTML 3Page - Rohm MCH022A010CK Datasheet HTML 4Page - Rohm MCH022A010CK Datasheet HTML 5Page - Rohm MCH022A010CK Datasheet HTML 6Page - Rohm MCH022A010CK Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MCH02
Ceramic capacitors
1/6
Multi-layer ceramic chip capacitors
MCH02 (0402 (01005) size, chip capacitor)
Features
1) The world's smallest (0.4mm x 0.2mm), Ultra thin (0.2mm), Ultra light (0.08mg)
2) Suitable for mobile end products
3) Lead-free plating terminal
4) No polarity
Quick Reference
The design and specifications are subject to change without prior notice. Please check the most recent technical
specifications prior to placing orders or using the product. For more detail information regarding packaging style code,
please check product designation.
Thermal compensation
Part No.
Size code
code
Temperature characteristics
(ppm/
°C)
Operating temp. range
(
°C)
Rated voltage
(V)
Capacitance(pF)
Capacitance
tolerance
Thickness
(mm)
A
0
±250(CK)
0
±120(CJ)
−55 to +125
C
(
±0.25pF)
0.2
±0.02
25
0402
MCH02
0
±60(CH)
D
(
±0.5pF)
6.0 to 7.0
0.5 to 2.0
3.0
4.0 to 5.0
External dimensions (Unit : mm)
0.05Min.
0.12Min.
0.4
±0.02
0.2
±0.02


Similar Part No. - MCH022A010CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A ROHM-MCH032A Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A010CK ROHM-MCH032A010CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A020CK ROHM-MCH032A020CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A030CK ROHM-MCH032A030CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH022A010CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com