Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH022A030CK Datasheet(PDF) 5 Page - Rohm

Part # MCH022A030CK
Description  Multi-layer ceramic chip capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH022A030CK Datasheet(HTML) 5 Page - Rohm

  MCH022A030CK Datasheet HTML 1Page - Rohm MCH022A030CK Datasheet HTML 2Page - Rohm MCH022A030CK Datasheet HTML 3Page - Rohm MCH022A030CK Datasheet HTML 4Page - Rohm MCH022A030CK Datasheet HTML 5Page - Rohm MCH022A030CK Datasheet HTML 6Page - Rohm MCH022A030CK Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MCH02
Ceramic capacitors
5/6
Items
Performance
Humidity
(Steady)
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.22 of
JIS C 5101-1
JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Test time
: 500
+24/−0 h
Final measurements have been left at
room temperature as per Table3.
As per 4.22 of JIS C 5101-1
As per 4.14 of JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Voltage
: Rated voltage
Test time
: 500
+24/−0 h
Final measurements shall be made after
the specimens have been left at room
temperature as per Table3.
No.
13
Humidity
life test
14
Appearance
Dielectric
tangent
Dielectric
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
Within
+/−0.75pF
Appearance
Change
rate from
initial value
Without mechanical damage.
More than 1000M
More than 1000M
Insulation
resistance
More than 500M
As per 4.16 of JIS C 5101-1.
As per 4.12 of JIS C 5101-10
The specimens shall be soldered on the test
jig shown in Remarks.
Temperature cycle : 100cycles.
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
Temperature
cycling
12
Dielectric
loss
tangent
Within
+/−0.25pF
Change
rate from
initial value
Without mechanical damage.
Appearance
Within specified initial value.
Insulation
resistance
Within specified initial value.
Withstanding
voltage
No defects shall be allowed.
30
+/−3
30
+/−3
Test condition
Step
1
2
3
4
Temp. (
°C)
Time (min)
Min operating temp.
Room temp.
Room temp.
Max operating temp.
3
<−
3
<−
Within
+/−5.0pF
<−
tan
δ 100/(200+10 C)
C=Capacitance(pF)
<−
tan
δ 100/(100+10 C/3)
C=Capacitance(pF)
Dielectric
tangent
Within
+/−0.3pF
Change
rate from
initial value
<−
tan
δ 100/(100+10 C)
C=Capacitance(pF)
Heat life
test
15
Appearance
Insulation
resistance
Without mechanical damage.
As per 4.23 of JIS C 5101-1.
As per 4.15 of JIS C 5101-10
Test
temperature(
°C)
Voltage
Test
time (h)
125
200%
Rated
voltage
1000
+48/−0
Final measurements shall be made after
the specimens have been left at room
temperature
Table3
24
+/−2 h
Time
Table3
24
+/−2 h
Time
Table3
24
+/−2 h
Time
Table3
24
+/−2 h
Time


Similar Part No. - MCH022A030CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A ROHM-MCH032A Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A010CK ROHM-MCH032A010CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A020CK ROHM-MCH032A020CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A030CK ROHM-MCH032A030CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH022A030CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com