Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH032AR75CK Datasheet(PDF) 8 Page - Rohm

Part # MCH032AR75CK
Description  Multi-layer ceramic chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH032AR75CK Datasheet(HTML) 8 Page - Rohm

Back Button MCH032AR75CK Datasheet HTML 4Page - Rohm MCH032AR75CK Datasheet HTML 5Page - Rohm MCH032AR75CK Datasheet HTML 6Page - Rohm MCH032AR75CK Datasheet HTML 7Page - Rohm MCH032AR75CK Datasheet HTML 8Page - Rohm MCH032AR75CK Datasheet HTML 9Page - Rohm MCH032AR75CK Datasheet HTML 10Page - Rohm MCH032AR75CK Datasheet HTML 11Page - Rohm MCH032AR75CK Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
8/12
Items
Performance
Heat life
test
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
No.
15
A, AN
A, AN
F N
F N
Within
+/−30.0%
Appearance
Dielectric
loss
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
C N
Not less than 1000M
Ω or
50M
Ω µF, whichever is less.
(For products with rated voltage less
than 16V, it is not less than 1000m
or 10M
Ω µF, whichever is less.)
As per 4.23 of JIS C 5101-1.
As per 4.15 of JIS C 5101-10
Test
temperature(
°C)
Voltage
Test
time (h)
A, AN
125
85
(B, X5R)
200%
Rated
voltage
200%
Rated
voltage
200%
Rated
voltage
200%
Rated
voltage
1000
+48/−0
1000
+48/−0
1000
+48/−0
125
(R, X7R)
85
CN
FN
Initial measurements prior to test shall be
made after the voltage pre-conditioning
specified in Remarks (2).
Final measurements shall be made after
the specimens have been left at room
temperature
[Remarks]
Pre-conditioning
If specified in test method of as per 3(Performance and test merhod), capacitors of CN, FN
characteristics shall be pre-conditionded as follows.
(1) Thermal pre-conditioning
Prior to initial measurements, specimens shall be conditioned at a temperature of 150 0
/−10
°C
for a period of 1hr., and shall be allowed to stabilize at room temperature for 48
+/−4h
(2) Voltage pre-conditioning
Prior to initial measurements, voltage specified as a test condition shall be applied to specimens
for a period of 1hr., and the specimens shall be allowed to stabilize at room temperature for 48
+/−4h
Soldering
Glass epoxy
substrate
< T e s t j i g >
Within
+/−15.0%
Within
+/−25.0%
Within
+/−3.0% or
+/−0.3pF whichever
is larger.
Rated
voltage
25V,16V
Rated
voltage
6.3V
tan
δ 0.3%
<−
Less than 200% of
initial spec.
Less than 150% of
initial spec.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN


Similar Part No. - MCH032AR75CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH022A010CK ROHM-MCH022A010CK Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH022A020CK ROHM-MCH022A020CK Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH022A030CK ROHM-MCH022A030CK Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH022A040CK ROHM-MCH022A040CK Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH032AR75CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com