Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH022A060DK Datasheet(PDF) 6 Page - Rohm

Part # MCH022A060DK
Description  Multi-layer ceramic chip capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH022A060DK Datasheet(HTML) 6 Page - Rohm

  MCH022A060DK Datasheet HTML 1Page - Rohm MCH022A060DK Datasheet HTML 2Page - Rohm MCH022A060DK Datasheet HTML 3Page - Rohm MCH022A060DK Datasheet HTML 4Page - Rohm MCH022A060DK Datasheet HTML 5Page - Rohm MCH022A060DK Datasheet HTML 6Page - Rohm MCH022A060DK Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MCH02
Ceramic capacitors
6/6
[Remarks]
Soldering
Glass epoxy
substrate
< T e s t j i g >
Packaging specification
Taping dimensions
Reel dimensions
Symbol
Dimensions
0.24
+/ −0.03
0.45
+/ −0.03
+/ −0.1
8.0
+/ −0.05
3.5
+/ −0.05
1.75
+/ −0.05
2.0
+/ −0.08
4.0
+0.1/ −0
φ1.5
+/ −0.05
2.0
(Unit : mm)
Symbol
Style
+1.0
−0
9.0
Label pasting
As per EIAJ ET
−7002A
Pulling direction
CD
E
F
G
H
J
t
d
0.3
+/ −0.02
0.25
+/ −0.02
MCH02
AB
(Unit : mm)
φ J
FG
H
E
D
C
t
d
A
B
Pulling direction
Electrical characteristics curves
−60 −40 −20
60
40
20
0
80 100 120 140
−2
−1
0
1
2
Fig.1 Temperature (
°C)


Similar Part No. - MCH022A060DK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A ROHM-MCH032A Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A010CK ROHM-MCH032A010CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A020CK ROHM-MCH032A020CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH032A030CK ROHM-MCH032A030CK Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH022A060DK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com