Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH435FN476MP Datasheet(PDF) 8 Page - Rohm

Part # MCH435FN476MP
Description  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH435FN476MP Datasheet(HTML) 8 Page - Rohm

Back Button MCH435FN476MP Datasheet HTML 3Page - Rohm MCH435FN476MP Datasheet HTML 4Page - Rohm MCH435FN476MP Datasheet HTML 5Page - Rohm MCH435FN476MP Datasheet HTML 6Page - Rohm MCH435FN476MP Datasheet HTML 7Page - Rohm MCH435FN476MP Datasheet HTML 8Page - Rohm MCH435FN476MP Datasheet HTML 9Page - Rohm MCH435FN476MP Datasheet HTML 10Page - Rohm MCH435FN476MP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MCH43
Ceramic capacitors
8/10
Packaging specifications
Taping dimensions
Reel dimensions
Symbol
Dimensions
Symbol
Style
Label pasting
As per EIAJ ET
−7200A
Pulling direction
(Unit : mm)
(Unit : mm)
(Unit : mm)
Plastic
3.6
4.9
+/ −0.3
12.0
+/ −0.05
5.5
+/ −0.1
1.75
+/ −0.1
8.0
+/ −0.1
4.0
+0.1/ −0
φ1.5
+/ −0.05
2.0
CD
E
F
G
H
J
t
t1
0.6
MAX.
6.5
MAX.
MCH43
AB
A
B
φ J
FG
H
E
D
C
t1
t
P : Plastic tape
1.5
14.0+
(1) The quantity for one reel is as bellows.
(2) When the tape is pulled out towards the operator with the cover tape facing
upward, the feeding holes shall be found on the right portion of the tape.
(3) Specification of beginning and ending of the tape are as follows.
(4) No juncture of tape shall be allowed.
(5) The share strength of tape shall be more than 5N at the break down strength.
(6) The peel strength of the cover tape shall be 0.1 to 0.7(N) when the cover tape are
peeled 0 to 15
degree from the surface.
(7) The number of missing components shall not exceed 0.1% of the total number
of components (marked number) or one whichever is the larger, and no consecutive
missing exceeding two is allowed.
(8) The reels made from resin shall be used, as per EIAJ ET-7200A.
Kind of reel
Series
Plastic tape
Quantity
Symbol
φ180 reel
MCH43
500 pcs.
P
Ending(reel's center)
: Approx. Over 160mm (no chips)
Beginning(reel's round)
: Approx. Over 160mm (no chips)
: Approx. 240mm (cover tape only)
Marking
No marking shall be performed on the chip.
Trademark, parts number, quantity, lot No. , and country of origin shall be labeled on each reel.
Numbering system for LOT No.
Example
(1)
03
(2)
01
(4)
F
(3)
A0001
(1) The end of the Christian Era < two digits> of production finish.
(2) Week in completing part of production finish.
(3) Manufacture continuity number.
(4) The symbol of manufacturing plant.


Similar Part No. - MCH435FN476MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
More results

Similar Description - MCH435FN476MP

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com