Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH315FN106KP Datasheet(PDF) 5 Page - Rohm

Part # MCH315FN106KP
Description  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH315FN106KP Datasheet(HTML) 5 Page - Rohm

  MCH315FN106KP Datasheet HTML 1Page - Rohm MCH315FN106KP Datasheet HTML 2Page - Rohm MCH315FN106KP Datasheet HTML 3Page - Rohm MCH315FN106KP Datasheet HTML 4Page - Rohm MCH315FN106KP Datasheet HTML 5Page - Rohm MCH315FN106KP Datasheet HTML 6Page - Rohm MCH315FN106KP Datasheet HTML 7Page - Rohm MCH315FN106KP Datasheet HTML 8Page - Rohm MCH315FN106KP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MCH31
Ceramic capacitors
5/10
Items
Performance
Vibration
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.17 of
JIS C 5101-1.
The specimens shall be soldered on the
specified test jig.
Initial measurements shall be made after
the thermal pre-conditioning specified in
Remarks(1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
[Condition]
Directions : 2h each X, Y and Z directions
Total : 6h
Frequency range : 10 to 55 to 10Hz(1min)
Applitude : 1.5mm
(shall not exceed acceleration196m/s2)
As per 4.16 of JIS C 5101-1
As per 4.12 of JIS C 5101-10
The specimens shall be soldered on the test
jig shown in Remarks.
Temperature cycle : 100cycles Initial
measurements prior to test shall be
performed after the thermal
per-conditioning specified in Remarks (1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
No.
11
Temperature
cycling
12
Dielectric
loss
tangent
A, A N
C N
C N
Rated vcoltage
25V,16V,10V
Rated vcoltage
6.3V
F N
F N
Capacitance shall be
within specified
tolerance range.
Within
+/−7.5%
Within
+/−7.5%
Within
+/−15%
Within
+/−20%
Within
+/−20%
Within
+/−2.5%
Appearance
Dielectric
loss
tangent
Within specified initial value.
Change
rate from
initial value
A, A N
Change
rate from
initial value
Without mechanical damage.
Without mechanical damage.
Appearance
Within specified initial value.
Insulation
resistance
Within specified initial value.
Withstanding
voltage
No defects shall be allowed.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
30
+/−3
30
+/−3
Test condition
Step
1
2
3
4
Temp. (
°C)
Time (min)
Min operating temp.
Room temp.
Room temp.
Max operating temp.
3
<−
3
<−
As per 4.35 of JIS C 5101-1.
As per 4.9 of JIS C 5101-10
Glass epoxy board with soldered
specimens shall be bent till 1mm by
1.0mm/s.
Bending
strength
10
Appearance
Without mechanical damage.


Similar Part No. - MCH315FN106KP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3105 SANYO-MCH3105 Datasheet
36Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105-TL-E ONSEMI-MCH3105-TL-E Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
logo
Sanyo Semicon Device
MCH3106 SANYO-MCH3106 Datasheet
29Kb / 4P
   DC / DC Converter Applications
MCH3106 SANYO-MCH3106 Datasheet
37Kb / 4P
   DC / DC Converter Applications
More results

Similar Description - MCH315FN106KP

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com