Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AIC111
Description  IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AIC111 Datasheet(HTML) 2 Page - Texas Instruments

  AIC111 Datasheet HTML 1Page - Texas Instruments AIC111 Datasheet HTML 2Page - Texas Instruments AIC111 Datasheet HTML 3Page - Texas Instruments AIC111 Datasheet HTML 4Page - Texas Instruments AIC111 Datasheet HTML 5Page - Texas Instruments AIC111 Datasheet HTML 6Page - Texas Instruments AIC111 Datasheet HTML 7Page - Texas Instruments AIC111 Datasheet HTML 8Page - Texas Instruments AIC111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AIC111
SLAS382 – JUNE 2003
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
The AIC111 comes in a 32-pin QFN 5
×5-mm package. A 32-pad solder ball bumped flip chip die that comes in waffle
packs or tape and reel is in preview and will be available 3rd quarter 2003.
AVAILABLE OPTIONS
PART NUMBER
PACKAGE
AIC111RHB
32-pin QFN (5 mm x 5 mm), in tube.
AIC111RHBR
32-pin QFN (5 mm x 5 mm), tape and reel
AIC111YE
32-pad waffle scale chip package, bumped die in waffle pack (contact the factory for availability) – Preview,
available 3rd quarter 2003
AIC111YER
32-pad (WSCP) bumped die in tape and reel (contact the factory for availability) – Preview, available 3rd
quarter 2003
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)(2)
UNIT
Input voltage
AI or DI pins
–0.3 V to 4 V
Power supply
VDD, power pins
–0.3 V to 4.5 V
Latch-up tolerance
JEDEC latch-up (EIA/JEDS78)
100 mA
Operating free-air temperature range, TA
0
°C to 70°C
Functional temperature range
–15
°C to 85°C
Reflow temperature range (flip chip)
220
°C to 230°C
Storage temperature range, Tstg
–40
°C to 125°C
Storage humidity
65% R.H.
(1) Stresses beyond those listed under absolutemaximumratings may cause permanent damage to the device. These are stress ratings only, and
functionaloperation of the device at these or any other conditions beyond those indicated under recommendedoperatingconditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) Specifications are assured operating at maximum device limits for QFN package only, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
INPUT/OUTPUT, OPERATING TEMPERATURE AT 25
°C
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Digital interface (see Notes 1 and 2)
BUF_DVDD (see Note 1)
3.6
V
VIH High-level input voltage
BUF_DVDD–0.2
V
VIL Low-level input voltage
BUF_DVSS+0.2
V
VOH High-level output voltage
BUF_DVDD
V
VOL Low-level output voltage
BUF_DVSS
V
Maximum allowed input voltage (AVIN)
Differential
450
mVpk
Input impedance (AVIN) (see Note 3)
Nominal gain = 50x
20
k
Input capacitance (AVIN)
5
pF
Microphone bias voltage (MIC_VSUP)
20-
µA maximum
0.87
0.94
0.99
V
Microphone bias resistor (MIC_BIAS)
27
29.1
31
k
H bridge amplifier output
DAC full scale output differential
Fixed Q
3/4 HB_VDD
V
H-bridge amplifier output
DAC full scale output differential
Adaptive Q
HB_VDD
VPP
Output resistance
Differential, HB – VDD = 1.3 V
20 or 40
(1) DVDD, VDD_OSC, and AVDD should be within 50 mV, preferably connected together.
AVSS1, 2, DVSS, and VSS_OSC should be within 50 mV, preferably connected together.
(2) Maximum (0.9 V, DVDD –0.5 V)
≤ BUF_DVDD ≤3.6 V
(3) Driving single-ended: Rin = R
× [(1+A)/(2+A)], A = PGAC Gain (linear), R = 20.4 kΩ for A ≥ 4 or 20.4 kΩ × (4/A) for A<4.
Rin(min) = 17 k
Ω (A=4), Rin(max) = 59.89 kΩ (A = 0.89), Rin(nom) = 20 kΩ (A = 50).


Similar Part No. - AIC111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AIC111 TI1-AIC111 Datasheet
322Kb / 33P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117 AIC-AIC1117 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1117-18 AIC-AIC1117-18 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1117-25 AIC-AIC1117-25 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
More results

Similar Description - AIC111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AIC111 TI1-AIC111_16 Datasheet
322Kb / 33P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
AIC111 TI-AIC111_15 Datasheet
291Kb / 33P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
   Voice-Band Audio CODEC for CDMA
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com