Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9137DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI9137DB
Description  Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9137DB Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI9137DB Datasheet HTML 2Page - Vishay Siliconix SI9137DB Datasheet HTML 3Page - Vishay Siliconix SI9137DB Datasheet HTML 4Page - Vishay Siliconix SI9137DB Datasheet HTML 5Page - Vishay Siliconix SI9137DB Datasheet HTML 6Page - Vishay Siliconix SI9137DB Datasheet HTML 7Page - Vishay Siliconix SI9137DB Datasheet HTML 8Page - Vishay Siliconix SI9137DB Datasheet HTML 9Page - Vishay Siliconix SI9137DB Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Si9137
Vishay Siliconix
www.vishay.com
6
Document Number: 70874
S-20642—Rev. B, 13-May-02
TYPICAL WAVEFORMS
20.0
ms/div
Inductor Node
(L X5)
Inductor Current
(1A/div)
Inductor Node
(L X5)
Inductor Current
(1A/div)
PSM Operation 5-V Converter
PWM Operation 5-V Converter
PSM to PWM 5-V Converter
PWM Loading 5-V Converter
PWM Unloading 5-V Converter
PWM to PSM 5-V Converter
(VIN = 10 V)
(VIN = 10 V)
20.0
ms/div
(VIN = 10 V)
(VIN = 10 V)
VOUT
(100 mV/div)
Load
(1 A/div)
VOUT
(100 mV/div)
Load
(1 A/div)
VOUT
(100 mV/div)
Load
(1 A/div)
VOUT
(100 mV/div)
Load
(1 A/div)
100
ms/div
100
ms/div
(VIN = 10 V)
(VIN = 10 V)
VOUT
(100 mV/div)
VOUT
(100 mV/div)
10.0
ms/div
2.00
ms/div


Similar Part No. - SI9137DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130 VISHAY-SI9130 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Similar Description - SI9137DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Texas Instruments
TPS5300 TI-TPS5300 Datasheet
323Kb / 21P
[Old version datasheet]   MOBILE CPU POWER SUPPLY CONTROLLER
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Micropac Industries
53507-002 MICROPAC-53507-002 Datasheet
180Kb / 9P
   SELECTABLE OUTPUT SOLID STATE POWER CONTROLLER
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com