Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4281DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DGKR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281DGKR Datasheet(HTML) 1 Page - Texas Instruments

  THS4281DGKR Datasheet HTML 1Page - Texas Instruments THS4281DGKR Datasheet HTML 2Page - Texas Instruments THS4281DGKR Datasheet HTML 3Page - Texas Instruments THS4281DGKR Datasheet HTML 4Page - Texas Instruments THS4281DGKR Datasheet HTML 5Page - Texas Instruments THS4281DGKR Datasheet HTML 6Page - Texas Instruments THS4281DGKR Datasheet HTML 7Page - Texas Instruments THS4281DGKR Datasheet HTML 8Page - Texas Instruments THS4281DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
+
100
2.5
ADS8320
10 nF
500
V BAT
Load
+IN
−IN
V OUT = I RSENSE
0.2
I
RSENSE
THS4281
470 pF
470 pF
VBAT
VBAT
W
kW
W
2.5 kW
500 W
W
VBAT/2
High-Side, Low Power Current-Sensing System
THS4281
SLOS432 – APRIL 2004
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT
VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
Very Low Quiescent Current: 750 µA (at 5 V)
Fabricated using the BiCom-II process, the THS4281
is a low-power, rail-to-rail input and output volt-
Rail-to-Rail Input and Output:
age-feedback
operational
amplifier
designed
to
– Common-Mode Input Voltage Extends
operate over a wide power supply range of 2.7-V to
400 mV Beyond the Rails
15-V single supply, and
±1.35-V to ±7.5-V dual
– Output Swings Within 150 mV From the
supply. Consuming only 750 µA with a unity gain
Rails
bandwidth of 90 MHz and a high 35-V/µs slew rate,
the THS4281 allows portable or other power-sensitive
Wide -3 dB Bandwidth at 5 V:
applications to realize high performance with minimal
– 90-MHz @ Gain = +1, 40 MHz @ Gain = +2
power. To ensure long battery life in portable appli-
High Slew Rate: 35 V/µs
cations, the quiescent current is trimmed to be less
than 900 µA at 25
°C, and 1 mA from –40°C to 85°C.
Fast Settling Time (2-V Step):
– 78 ns to 0.1%
The THS4281 is a true single-supply amplifier with a
specified common-mode input range of 400 mV
– 150 ns to 0.01%
beyond the rails. This allows for high-side current
Low Distortion @ Gain = +2, VO = 2-Vpp, 5 V:
sensing applications without phase reversal con-
– -91 dBc at 100 kHz, -67 dBc at 1 MHz
cerns. Its output swings to within 40 mV from the rails
with 10-k
Ω loads, and 150 mV from the rails with
Input Offset Voltage: 2.5 mV (Max at 25
°C)
1-k
Ω loads.
Output Current >30 mA (10-
Ω Load, 5 V)
The THS4281 has a good 0.1% settling time of 78 ns,
Low Voltage Noise of 12.5 nV/
√Hz
and 0.01% settling time of 150 ns. The low THD of
Supply Voltages: +2.7 V, 3 V, +5 V,
±5 V, +15 V
-87 dBc at 100 kHz, coupled with a maximum offset
Packages: SOT-23, MSOP, and SOIC
voltage of less than 2.5 mV, makes the THS4281 a
good match for high-resolution ADCs sampling less
than 2 MSPS.
Portable/Battery-Powered Applications
The THS4281 is offered in a space-saving SOT-23-5
High Channel Count Systems
package, a small MSOP-8 package, and the industry
standard SOIC-8 package.
ADC Buffer
Active Filters
Current Sensing
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FilterPro is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4281DGKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4281DGKR NSC-THS4281DGKR Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281DGKR TI1-THS4281DGKR Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DGKR TI1-THS4281DGKR Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
THS4281DGKRG4 NSC-THS4281DGKRG4 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - THS4281DGKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4281 NSC-THS4281 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281 TI1-THS4281_14 Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029 Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com