Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR5101 Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # DR5101
Description  315.00 MHz Receiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR5101 Datasheet(HTML) 4 Page - RF Monolithics, Inc

  DR5101 Datasheet HTML 1Page - RF Monolithics, Inc DR5101 Datasheet HTML 2Page - RF Monolithics, Inc DR5101 Datasheet HTML 3Page - RF Monolithics, Inc DR5101 Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
315.00 MHz
Receiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 4 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR5101-081203
Note: Preliminary specifications, subject to change without notice.
R3
R4
R8
R1
R2
R6
C3
C2
L2
C1
L1
C4
C5
+
ASH Receiver
20
1
11
10
CTR0 (12)
CTR1 (11)
VCC (9)
LPF ADJ (8)
GND (6, 7, 10)
RFIO
(13)
RF GND
(14)
AGC/VCC
(1)
PK DET
(2)
RX BBO
(3)
RX DATA
(4)
DR5101 Schematic


Similar Part No. - DR5101

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR5101 MURATA-DR5101 Datasheet
330Kb / 4P
   315.00 MHz Receiver Module
More results

Similar Description - DR5101

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR5101 MURATA-DR5101 Datasheet
330Kb / 4P
   315.00 MHz Receiver Module
logo
RF Monolithics, Inc
RX5001 RFM-RX5001 Datasheet
77Kb / 10P
   315.00 MHz Hybrid Receiver
RX5501 RFM-RX5501 Datasheet
67Kb / 10P
   315.00 MHz Hybrid Receiver
DR3101 RFM-DR3101 Datasheet
375Kb / 5P
   315.00 MHz Transceiver Module
DR4101 RFM-DR4101 Datasheet
111Kb / 2P
   315.00 MHz Transmitter Module
logo
Murata Manufacturing Co...
DR7001 MURATA-DR7001 Datasheet
411Kb / 7P
   315.00 MHz Transmitter Module
DR4101 MURATA-DR4101 Datasheet
308Kb / 2P
   315.00 MHz Transmitter Module
DR7001-EV MURATA-DR7001-EV Datasheet
206Kb / 8P
   315.00 MHz Transceiver Evaluation Module
logo
RF Monolithics, Inc
TR3001 RFM-TR3001 Datasheet
111Kb / 12P
    315.00 MHz Hybrid Transceiver
TX5001 RFM-TX5001 Datasheet
73Kb / 6P
   315.00 MHz Hybrid Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com