Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA615IDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA615IDRG4
Description  Wide-Bandwidth, DC Restoration Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA615IDRG4 Datasheet HTML 1Page - Texas Instruments OPA615IDRG4 Datasheet HTML 2Page - Texas Instruments OPA615IDRG4 Datasheet HTML 3Page - Texas Instruments OPA615IDRG4 Datasheet HTML 4Page - Texas Instruments OPA615IDRG4 Datasheet HTML 5Page - Texas Instruments OPA615IDRG4 Datasheet HTML 6Page - Texas Instruments OPA615IDRG4 Datasheet HTML 7Page - Texas Instruments OPA615IDRG4 Datasheet HTML 8Page - Texas Instruments OPA615IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
Switching
Stage
Sampling
Comparator (SC)
OPA615
Biasing
OTA
Hold
Control
Emitter
2
Collector
(I
OUT)
12
1
S/H
In+
S/H
In
+V
CC
−V
CC
I
Q Adjust
SOTA
Base
C
HOLD
Ground
3
4
9
7
10
11
13
5
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
Wide-Bandwidth, DC Restoration Circuit
PROPAGATION DELAY: 1.9ns
The OPA615 is a complete subsystem for very fast
and precise DC restoration, offset clamping, and
BANDWIDTH:
low-frequency hum suppression of wideband ampli-
OTA: 710MHz
fiers or buffers. Although it is designed to stabilize the
Comparator: 730MHz
performance of video signals, the circuit can also be
LOW INPUT BIAS CURRENT:
±1µA
used as a sample-and-hold amplifier, high-speed
SAMPLE-AND-HOLD SWITCHING
integrator, or peak detector for nanosecond pulses.
TRANSIENTS:
±5mV
The
device
features
a
wideband
Operational
Transconductance
Amplifier
(OTA)
with
a
SAMPLE-AND-HOLD FEEDTHROUGH
high-impedance cascode current source output and
REJECTION: 100dB
fast and precise sampling comparator that together
CHARGE INJECTION: 40fC
set a new standard for high-speed applications. Both
HOLD COMMAND DELAY TIME: 2.5ns
the OTA and the sampling comparator can be used
as stand-alone circuits or combined to form a more
TTL/CMOS HOLD CONTROL
complex signal processing stage. The self-biased,
bipolar OTA can be viewed as an ideal volt-
age-controlled current source and is optimized for low
BROADCAST/HDTV EQUIPMENT
input bias current. The sampling comparator has two
TELECOMMUNICATIONS EQUIPMENT
identical high-impedance inputs and a current source
output optimized for low output bias current and offset
HIGH-SPEED DATA ACQUISITION
voltage; it can be controlled by a TTL-compatible
CAD MONITORS/CCD IMAGE PROCESSING
switching stage within a few nanoseconds. The
NANOSECOND PULSE INTEGRATOR/PEAK
transconductance
of
the
OTA
and
sampling
DETECTOR
comparator can be adjusted by an external resistor,
PULSE CODE MODULATOR/DEMODULATOR
allowing bandwidth, quiescent current, and gain
COMPLETE VIDEO DC LEVEL RESTORATION
trade-offs to be optimized.
SAMPLE-AND-HOLD AMPLIFIER
The OPA615 is available in both an SO-14 sur-
SHC615 UPGRADE
face-mount and an MSOP-10 package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA615IDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600BM BURR-BROWN-OPA600BM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600CM BURR-BROWN-OPA600CM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600SM BURR-BROWN-OPA600SM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600TM BURR-BROWN-OPA600TM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
More results

Similar Description - OPA615IDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com