Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI1050HH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI1050HH
Description  5mm X 7mm Ceramic SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MI1050HH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI1050HH Datasheet HTML 1Page - List of Unclassifed Manufacturers MI1050HH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•• C
Ceerraam
miicc S
SM
MD
D P
Paacckkaaggee
•• 55..00,, 33..33,, 22..55,, aanndd 11..88 V
Voolltt
•• H
HC
CM
MO
OS
S//T
TT
TLL C
Coom
mppaattiibbllee O
Ouuttppuutt
•• S
Sttaabbiilliittyy ttoo ±±1100ppppm
m
•• T
Taappee aanndd R
Reeeell P
Paacckkaaggiinngg
MMIIHH SSeerriieess
5mm X 7mm Ceramic SMD
www.mmdcomp.com
phone: 949-709-5075 / fax: 949-709-3536
Specifications subject to change without notice
Revision: 4/20/04 I
OS11
Electrical Specifications
Frequency Range
5V and 3.3V
1.500MHz to 156.250MHz
2.5V
1.500MHz to 70.000MHz
1.8V
1.544MHz to 40.000MHz
Frequency Stability (Inclusive of Temperature, Load, Voltage and Aging)
±100ppm to ±10ppm
Operating Temperature Range
0°C - 70°C to -40°C - 85°C
Storage Temperature Range
-55°C - 125°C
Supply Voltage (Vdd)
±5%
5.0Vdc, 3.3Vdc, 2.5Vdc, or 1.8Vdc
Supply Current
Vdd = 5V
70mA max.
Vdd = 3.3V
40mA max.
Vdd = 2.5V
35mA max.
Vdd = 1.8V
15mA max.
Output Voltage HCMOS
Logic 0
10% Vdd max.
Logic 1
90% Vdd min.
Duty Cycle
50% of waveform
40%/60% max. or 45%/55% max.
Load Drive Capability
5V(less than 50MHz)
10 TTL Gates or 50pF
5V(greater than 50MHz)
10 TTL Gates or 15pF
3.3V(less than 50MHz)
10 TTL Gates or 30pF
3.3V(greater than 50MHz)
10 TTL Gates or 15pF
2.5V
10 TTL Gates or 15pF
1.8V
10 TTL Gates or 15pF
Rise / Fall Time
4nSec max.
Start Up Time
10mSec max.
Jitter
RMS
10pSec max.*
*Please contact your MMD representative for up-to-date typical jitter information


Similar Part No. - MI1050HH

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MI10-EC12-DF MECHATRONICS-MI10-EC12-DF Datasheet
583Kb / 1P
   UL94V-0 plastic impeller
logo
MicroPower Direct, LLC
MI1000ERU MPD-MI1000ERU Datasheet
1,003Kb / 4P
   Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
logo
List of Unclassifed Man...
MI1010T ETC2-MI1010T Datasheet
139Kb / 2P
   Thermoelectric Cooler
MI1010T-01 ETC2-MI1010T-01 Datasheet
139Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - MI1050HH

ManufacturerPart #DatasheetDescription
logo
MMD Components
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
   5mm X 7mm X 4 Pads Ceramic Package
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
   5mm x 7mm 6 Pads Ceramic Package
MVIH MMD-MVIH Datasheet
82Kb / 1P
   5mm x 7mm HCMOS VCXO
logo
LUMEX INC.
OED-HPIRC572L140 LUMEX-OED-HPIRC572L140 Datasheet
74Kb / 1P
   5mm X 7mm Right Angle PhotoDiode
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
   7 x 5mm SMD HCMOS
logo
LUMEX INC.
SSI-LXH072GD-675 LUMEX-SSI-LXH072GD-675 Datasheet
103Kb / 1P
   2.3mm X 7mm RECTANGULAR PANEL
SSI-LXH072HGW-3LD LUMEX-SSI-LXH072HGW-3LD Datasheet
93Kb / 1P
   2.3mm X 7mm RECTANGULAR PANEL
logo
MMD Components
JSAA1 MMD-JSAA1 Datasheet
88Kb / 1P
   5mm X 3.2mm X 4 Pads Ceramic Package
logo
LUMEX INC.
SSI-LXH072GD-180 LUMEX-SSI-LXH072GD-180 Datasheet
101Kb / 1P
   2.3mm X 7mm RECTANGULAR PANEL
SSL-LX4673SRD-LA20 LUMEX-SSL-LX4673SRD-LA20 Datasheet
68Kb / 1P
    4mm X 7mm RECT LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com