Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1247-011 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMV1247-011
Description  Plastic Packaged Surface Mount Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMV1247-011 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMV1247-011 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMV1247-011 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMV1247-011 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMV1247-011 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMV1247-011 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMV1247-011 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMV1247-011 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2
2–3
Alpha Industries
• [617] 9355150 • Fax [617] 8244579 • E-mail sales@alphaind.com • Visit our web site: www.alphaind.com
Features
Industry Standard Outlines: SOD–323 and
SOT–23 Packages
High “Q” Abrupt and Hyperabrupt Junction
Designs
Single, Common Anode and Common Cathode
Configurations
Available for 3 Volt Battery Operated Circuits
Priced for High Volume Commercial
Applications
Available in Tape and Reel
Also Available as Chips
Maximum Ratings (TA = 25°C)
Forward Current:
100 mA
Power Dissipation:
250 mW
Junction Temperature:
125
°C
Storage Temperature:
–55 to 150
°C
Operating Temperature:
–55 to 125
°C
Description
The surface mount plastic varactor diodes are
designed for RF and Microwave applications in
VCOs, electronically tunable filters and matching
networks. Package offerings include the SOT–23 and
the small footprint SOD–323 package. Alpha offers a
comprehensive capability in capacitance values,
package options and voltage ratings all aggressively
priced for high volume commercial applications.
The SMV1247–001 to SMV1255–001 varactors were
specifically
designed
for
battery
operated
applications where 3 to 5 volts is available. These
varactors have capacitance ratios of greater than 12
from 0.3 to 4.7 volts.
Alpha’s hyperabrupt varactors are available in a wide
variety of tightly specified capacitance values and
high capacitance ratios. They are available as single
junctions and common cathode configurations where
they may be employed in a back–to–back orientation
to reduce distortion.
Alpha’s abrupt junction varactors are noted for
extremely high Q factor and are the preferred choice
in applications that require low phase noise and high
temperature stability.
The inductance of the SOT–23 package is typically
1.5 nH for each junction. Employing a common
cathode
SOT–23
with
the
varactor
junctions
connected in parallel reduces the inductance to
approximately 0.9 nH. The inductance of a varactor
in the SOD–323 package is approximately 1.5 nH.
Plastic Packaged Surface
Mount Varactor Diodes


Similar Part No. - SMV1247-011

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1247-011LF SKYWORKS-SMV1247-011LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SMV1247-011

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
GMV1000 MICROSEMI-GMV1000 Datasheet
158Kb / 3P
   Surface Mount Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com