Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T73227-M08-TNR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # T73227-M08-TNR
Description  27 MHz VCXO Clock Generator IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T73227-M08-TNR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  T73227-M08-TNR Datasheet HTML 1Page - List of Unclassifed Manufacturers T73227-M08-TNR Datasheet HTML 2Page - List of Unclassifed Manufacturers T73227-M08-TNR Datasheet HTML 3Page - List of Unclassifed Manufacturers T73227-M08-TNR Datasheet HTML 4Page - List of Unclassifed Manufacturers T73227-M08-TNR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
October 2002
4
10.29.02
ISO9001
T73227
27 MHz VCXO Clock Generator IC
Table 3: Operating Conditions
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Core Supply Voltage (VDD)
VDD
3.15
3.3
3.45
V
VCXO Control Voltage, VIN
VIN
0
VDD
V
Ambient Operating Temperature Range
TA
0
70
°C
Crystal Resonator Frequency
fXTAL
Fundamental Mode
20
27
30
MHz
Crystal Load Capacitance
CL(xtal)
AT cut
20
pF
Table 4: DC Electrical Specifications
Unless otherwise stated, VDD = 3.15V to 3.45V , no load on any output, and ambient temperature range TA = 0°C to 70°C.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
Supply Current, Dynamic, with no load
IDD
fXTAL = 27MHz
25
mA
Output High Voltage
VOH
IOH = -12mA
2.4
V
Output Low Voltage
VOL
IOL = 12mA
0.4
V
Voltage Controlled Crystal Oscillator - VDD=3.3V
Crystal Loading Capacitance
CL(xtal)
As seen by a crystal connected to XIN and
XOUT (@ VXTUNE = 1.65V)
20
pF
Crystal Gamma
CO/C1
240
VCXO Tuning Range
fXTAL = 27MHz; CL(xtal) = 20pF; gamma = 240
250
ppm
VCXO Tuning Characteristic
Note: positive
∆F for positive ∆V
75
ppm/V
Crystal ESR
50
Table 5: AC Timing Specifications
Unless otherwise stated, VDD = 3.15V to 3.45V, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Clock Output (CLK)
Duty Cycle *
Ratio of high pulse width (as measured from rising
edge to next falling edge at VDD/2) to one clock period
40
60
%
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to next rising edge at VDD/2, CL =
10pF
150
ps
Rise Time *
tr
Measured 0.8V to 2.0V, CL = 10pF
1.5
ns
Fall Time *
tf
Measured 2.0V to 0.8V; CL = 10pF
1.5
ns


Similar Part No. - T73227-M08-TNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T7322 ETC1-T7322 Datasheet
429Kb / 3P
   TRIANGULAR TYPE
More results

Similar Description - T73227-M08-TNR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
   27 MHz Clock Generator with VCXO
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com