Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17240 Datasheet(PDF) 4 Page - NEC

Part # UPD17240
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17240 Datasheet(HTML) 4 Page - NEC

  UPD17240 Datasheet HTML 1Page - NEC UPD17240 Datasheet HTML 2Page - NEC UPD17240 Datasheet HTML 3Page - NEC UPD17240 Datasheet HTML 4Page - NEC UPD17240 Datasheet HTML 5Page - NEC UPD17240 Datasheet HTML 6Page - NEC UPD17240 Datasheet HTML 7Page - NEC UPD17240 Datasheet HTML 8Page - NEC UPD17240 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
4
Data Sheet U15002EJ1V0DS
µPD17240, 17241, 17242, 17243, 17244, 17245, 17246
DIFFERENCES BETWEEN
µPD17246 SUBSERIES, µPD17236 SUBSERIES, AND µPD17255
SUBSERIES (2/2)
Item
µPD17246 Subseries
µPD17236 Subseries
µPD17225 Subseries
STOP mode release
<1> When any of pins P0A0
<1> When any of pins P0A0
When any of pins P0A0 to
condition
to P0A3 goes low
to P0A3 goes low
P0A3 and P0B0 to P0B3 goes
<2> When pins P0B0 to P0B3,
<2> When pins P0B0 to P0B3, low
P0C0 to P0C3, and P0D0
P0C0 to P0C3, and P0D0
to P0D3 are used as input
to P0D3 are used as
pins and when any of
input pins and when any
them goes low
of them goes low
<3> When an interrupt
<3> When an interrupt
request (IRQ) of the
request (IRQ) of the
interrupt for which the IP
interrupt for which the IP
flag is set is generated at
flag is set is generated
the rising edge or falling
at the rising edge or
edge of the INT pin
falling edge of the INT
<4> When P0E0 to P0E3 are
pin
used as input pins when
a key matrix is used and
when any of these pins
goes low
<5> When P1A0 to P1A2 and
P1B0 are used as input
pins when a key matrix is
used and when the level
of any of these pins
equals the set clear level
Carrier frequency
Selected by register file
Selected by mask option
7.8 kHz to 1 MHz
(fX = 4 MHz)
(after reset: fX/2)
<1> If carrier generation
<1> If carrier generation clock
clock is fX/2: 7.8 kHz to
is fX/2: 3.9 kHz to 1 MHz
1 MHz
<2> If carrier generation clock
<2> If carrier generation
is fX: 7.8 kHz to 2 MHz
clock is fX: 15.6 kHz to
<3> If carrier generation clock
2 MHz
is 2fX: 15.6 kHz to 4 MHz
NRZ low-level period
• NRZLTMM: 8 bits
• NRZLTMM: 7 bits (bit 7 is REM output control bit)
setting modulo register
(REM output control bit is bit
• NRZHTMM: 7 bits (bit 7 is fixed to 0)
(NRZLTMM) and NRZ
1 of register file at address
high-level period setting
12H)
modulo register
• NRZHTMM: 8 bits
(NRZHTMM)


Similar Part No. - UPD17240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17240 RENESAS-UPD17240 Datasheet
696Kb / 104P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD17240

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NXP Semiconductors
PCA84C122 PHILIPS-PCA84C122 Datasheet
142Kb / 24P
   8-bit microcontrollers for remote control transmitters
1995 May 01
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com