Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2234R Datasheet(PDF) 1 Page - Rohm

Part # RCM2234R
Description  20 characters x 2 lines COG module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCM2234R Datasheet(HTML) 1 Page - Rohm

  RCM2234R Datasheet HTML 1Page - Rohm RCM2234R Datasheet HTML 2Page - Rohm RCM2234R Datasheet HTML 3Page - Rohm RCM2234R Datasheet HTML 4Page - Rohm RCM2234R Datasheet HTML 5Page - Rohm RCM2234R Datasheet HTML 6Page - Rohm RCM2234R Datasheet HTML 7Page - Rohm RCM2234R Datasheet HTML 8Page - Rohm RCM2234R Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RCM2234R-A / B
Liquid Crystal Displays
1/8
20 characters
× 2 lines COG module
RCM2234R-A / B
The RCM2234R-A / B is a reflective TN type liquid crystal module with a built-in controller / driver LSI and a display
capacity of 20 characters
× 2 lines.
Applications
Printers, Copiers, Facsimiles, etc
Features
(1) 5
×7 dot character matrix with cursor.
(2) Interfaces with 4-bit, 8-bit MPUs.
(3) Displays up to 240 characters and special symbols.
(4) Custom character patterns are displayed with the character RAM.
(5) Abundant instruction set including clear display, cursor on/off, and character blinking.
(6) Compact and lightweight for easy assembly to the host instrument.
(7) Operable on single 5V power supply.
(8) Low power consumption.
External dimensions (Unit : mm) (Viewing direction : 6 : 00)
24.9±0.3
81.0±0.3
0.3MAX.
1.0MAX.
2.0MAX.
(73.5)
79.0MIN.
(0.5)
2.7±0.3
0.6
3.2
0.5
0.7±0.7
0.7±0.7
0.7±0.7
0.7±0.7
Over-coating resin
10.6±0.5
Dot detail
6.0MAX.
6.0MAX.
Viewing
direction
(6:00)
(PITCH1.8
×14)25.2±0.3
±5°
1.1±0.1
1.1±0.1
0.05
1.5MAX.
3.75±0.3


Similar Part No. - RCM2234R

ManufacturerPart #DatasheetDescription
logo
Rohm
RCM2228R-A ROHM-RCM2228R-A Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
RCM2228R-B ROHM-RCM2228R-B Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
More results

Similar Description - RCM2234R

ManufacturerPart #DatasheetDescription
logo
Rohm
RCM2072R ROHM-RCM2072R Datasheet
177Kb / 9P
   20 characters X 2 lines COG module
RCM2228R-A ROHM-RCM2228R-A Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
RCM2090R ROHM-RCM2090R Datasheet
174Kb / 8P
   16 characters x 2 lines COG module
logo
List of Unclassifed Man...
SC2002D ETC-SC2002D Datasheet
87Kb / 1P
   LCD MODULE 20 CHARACTERS X 2 LINES
SC2002F ETC-SC2002F Datasheet
63Kb / 1P
    20 CHARACTERS x 2 LINES
LC2021 ETC1-LC2021 Datasheet
32Kb / 1P
   20 characters x 2 lines
SD1602I ETC-SD1602I Datasheet
103Kb / 1P
   LCD MODULE (16 CHARACTERS X 2 LINES )
SC2004A ETC-SC2004A Datasheet
105Kb / 1P
   20 CHARACTERS x 4 LINES
DV-20410 ETC1-DV-20410 Datasheet
598Kb / 1P
   20 characters x 4 lines
DV20400 ETC-DV20400 Datasheet
959Kb / 1P
   20 characters x 4 lines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com