Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI1100H27H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MI1100H27H
Description  5mm X 7mm Ceramic SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MI1100H27H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MI1100H27H Datasheet HTML 1Page - List of Unclassifed Manufacturers MI1100H27H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mmdcomp.com
phone: 949-709-5075 / fax: 949-709-3536
Specifications subject to change without notice
Revision: 4/20/04 I
OS11
Part Numbering Guide
*See page VA4 for Tape Specifications
**Not available in 2.5V and 1.8V
*** Available to 70MHz only
**** Available to 40MHz only
Mechanical Dimensions
Markings
Line 1: MMD “Date Code”
Line 2: Frequency
Environmental / Mechanical
Shock: MIL-STD-883, Method 2002, Condition B
Solderability: MIL-STD-883, Method 2003
Solvent Resistance: MIL-STD-202, Method 215
Vibration: MIL-STD-883, Method 2007, Condition A
Gross Leak Test: MIL-STD-883, Method 1014, Condition C
Fine Leak Test: MIL-STD-883, Method 1014, Condition A2
Pad Connections
Suggested Solder Pad Layout
Pin 1: Tri-State
Pin 2: Ground / Case
Pin 3: Output
Pin 4: Supply Voltage
1.7 max
.067 max
Markings
1
2
3
4
1
2
4
3
7.0 ±0.2
.278 ±.008
5.08 ±0.15
.200 ±.006
3.68 ±0.15
.145 ±.006
1.4 ±0.1
.055 ±.004
Solder Pad
(X4)
2.88
.113
2.2
.087
Tri-state Operation
Logic 1 or NC = Oscillation
Logic 0 or GND = High Impedance
Frequency
MI
Frequency Stability
100 = ±100ppm
050 = ±50ppm
025 = ±25ppm
020 = ±20ppm
015 = ±15ppm
010 = ±10ppm**
Supply Voltage
Blank = 5 Volt
3 = 3.3 Volt
2 = 2.5 Volt***
1 = 1.8 Volt****
Output
H = HCMOS
T&R
Operating Temperature
Blank = 0°C to 70°C
27 = -20°C to 70°C**
48 = -40°C to 85°C**
Packaging*
Blank = Bulk
T&R = Tape and Reel
Pin 1 Connection
H = Tri-state
5X7 Ceramic SMD
Symmetry
Blank = 40%/60%
A = 45%/55%
H
H


Similar Part No. - MI1100H27H

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MI10-EC12-DF MECHATRONICS-MI10-EC12-DF Datasheet
583Kb / 1P
   UL94V-0 plastic impeller
logo
MicroPower Direct, LLC
MI1000ERU MPD-MI1000ERU Datasheet
1,003Kb / 4P
   Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
logo
List of Unclassifed Man...
MI1010T ETC2-MI1010T Datasheet
139Kb / 2P
   Thermoelectric Cooler
MI1010T-01 ETC2-MI1010T-01 Datasheet
139Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - MI1100H27H

ManufacturerPart #DatasheetDescription
logo
MMD Components
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
   5mm X 7mm X 4 Pads Ceramic Package
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
   5mm x 7mm 6 Pads Ceramic Package
MVIH MMD-MVIH Datasheet
82Kb / 1P
   5mm x 7mm HCMOS VCXO
logo
LUMEX INC.
OED-HPIRC572L140 LUMEX-OED-HPIRC572L140 Datasheet
74Kb / 1P
   5mm X 7mm Right Angle PhotoDiode
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
   7 x 5mm SMD HCMOS
logo
LUMEX INC.
SSI-LXH072GD-675 LUMEX-SSI-LXH072GD-675 Datasheet
103Kb / 1P
   2.3mm X 7mm RECTANGULAR PANEL
SSI-LXH072HGW-3LD LUMEX-SSI-LXH072HGW-3LD Datasheet
93Kb / 1P
   2.3mm X 7mm RECTANGULAR PANEL
logo
MMD Components
JSAA1 MMD-JSAA1 Datasheet
88Kb / 1P
   5mm X 3.2mm X 4 Pads Ceramic Package
logo
LUMEX INC.
SSI-LXH072GD-180 LUMEX-SSI-LXH072GD-180 Datasheet
101Kb / 1P
   2.3mm X 7mm RECTANGULAR PANEL
SSL-LX4673SRD-LA20 LUMEX-SSL-LX4673SRD-LA20 Datasheet
68Kb / 1P
    4mm X 7mm RECT LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com