Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17242MC-XXX-5A4 Datasheet(PDF) 11 Page - NEC

Part # UPD17242MC-XXX-5A4
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17242MC-XXX-5A4 Datasheet(HTML) 11 Page - NEC

Back Button UPD17242MC-XXX-5A4 Datasheet HTML 7Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 8Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 9Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 10Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 11Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 12Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 13Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 14Page - NEC UPD17242MC-XXX-5A4 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
11
Data Sheet U15002EJ1V0DS
µPD17240, 17241, 17242, 17243, 17244, 17245, 17246
1.1
Pin Function List (3/3)
Pin No.
Pin Name
Function
Output Format
After Reset
14
P1A0
These pins constitute a 3-bit I/O port that can be set to the input or
When key
CMOS input
15
P1A1
output mode in 1-bit units.
matrix is
(when key
30
P1A2
If this port is set to the input mode when a key matrix is used, it
used: N-ch
matrix is not
functions as a CMOS input port and can be used to input key
open-drain,
used and
return signals. At this time, whether a pull-up/down resistor is
when key
no resistor
connected to this port and the standby mode release condition
matrix is not
connected)
(whether it is released when this pin is high or low) can be
used: CMOS
selected in 1-bit units
push-pull.
1. If connection of a resistor is specified and if it is specified that
the standby mode is released when this port goes low
... A pull-up resistor is connected. If a low level is input to
the set key, the standby mode is released.
2. If connection of a resistor is specified and if it is specified that
the standby mode is released when this port goes high
... A pull-down resistor is connected. If a high level is input
to the set key, the standby mode is released.
3. If connection of a resistor is not specified and if it is specified
that the standby mode is released when this port goes low
(or high)
... No resistor is connected. If a low (or high) level is input to
the set key, the standby mode is released.
If this port is set to the output mode when a key matrix is used, it
functions as an N-ch open-drain output port and can be used to
output key matrix signals.
If this port is set to the input mode when a key matrix is used, it
functions as a CMOS input port.
Connection of a resistor to this port and whether the resistor is
pull-up or pull-down can be selected in 1-bit units.
If this port is set in the output mode when a key matrix is not used,
it functions as a high-current CMOS output port.
16
P0A0
These pins are CMOS input pins with a 4-bit pull-up resistor.
CMOS input
17
P0A1
They can be used to input the key return signals of a key matrix.
with pull-up
18
P0A2
If any one of these pins goes low, the standby status is released.
resistor
19
P0A3
20
P0B0
These pins constitute a 4-bit I/O port that can be set to the input or
N-ch
CMOS input
21
P0B1
output mode in 1-bit units.
open drain
with pull-up
22
P0B2
In the input mode, these pins are CMOS input pins with a pull-up
resistor
23
P0B3
resistor, and can be used to input the key return signals of a key
matrix. The standby status is released when at least one of these
pins goes low.
In the output mode, they serve as N-ch open-drain output pins and
can be used to output the key return signals of a key matrix.
24
P0C0
These pins constitute a 4-bit I/O port that can be set to the input or
N-ch
Low-level
25
P0C1
output mode in 4-bit units (group I/O).
open drain
output
26
P0C2
In the input mode, these pins are CMOS input pins with a pull-up
27
P0C3
resistor, and can be used to input the key return signals of a key
matrix. The standby status is released when at least one of these
pins goes low.
In the output mode, they serve as N-ch open-drain output pins and
can be used to output the key return signals of a key matrix.


Similar Part No. - UPD17242MC-XXX-5A4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17242 RENESAS-UPD17242 Datasheet
696Kb / 104P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD17242MC-XXX-5A4

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NXP Semiconductors
PCA84C122 PHILIPS-PCA84C122 Datasheet
142Kb / 24P
   8-bit microcontrollers for remote control transmitters
1995 May 01
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com