Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17245MC-XXX-5A4 Datasheet(PDF) 10 Page - NEC

Part # UPD17245MC-XXX-5A4
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17245MC-XXX-5A4 Datasheet(HTML) 10 Page - NEC

Back Button UPD17245MC-XXX-5A4 Datasheet HTML 6Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 7Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 8Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 9Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 10Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 11Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 12Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 13Page - NEC UPD17245MC-XXX-5A4 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
10
Data Sheet U15002EJ1V0DS
µPD17240, 17241, 17242, 17243, 17244, 17245, 17246
1.1
Pin Function List (2/3)
Pin No.
Pin Name
Function
Output Format
After Reset
4
P0E0
These pins constitute a 4-bit I/O port that can be set to the input or
When key
CMOS input
5
P0E1
output mode in 1-bit units.
matrix is
(when key
6
P0E2
If this port is set to the input mode when a key matrix is used, it
used: N-ch
matrix is not
7
P0E3
functions as a CMOS input port with a pull-up resistor and can be
open-drain,
used and no
used to input key return signals. If one of the pins of this port
when key
resistor
goes low, the standby mode is released.
matrix is not
connected)
If this port is set to the output mode when a key matrix is used, it
used: CMOS
functions as an N-ch open-drain output port and can be used to
push-pull
output key matrix signals.
If this port is set to the input mode when a key matrix is not used,
it functions as a CMOS input port to/from which a resistor can be
connected/disconnected in 1-bit units. If this port is set in the
output mode when a key matrix is not used, it functions as a high-
current CMOS output port.
8
REM
Outputs transfer signal for infrared remote controller.
CMOS
Low-level
Active-high output.
push-pull
output
9VDD
Power supply
––
10
XOUT
Connects ceramic resonator for system clock oscillation.
(Oscillation
11
XIN
A capacitor (15 pF) for oscillation can be connected by using a
stops)
mask option.
12
GND
Ground
––
13
RESET
System reset input. Turns ON pull down resistor if the POC or
Input
watchdog timer overflows and if the stack pointer overflows or
underflows, and resets the system. Usually, the pull-down resistor
is ON.


Similar Part No. - UPD17245MC-XXX-5A4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17245 RENESAS-UPD17245 Datasheet
696Kb / 104P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD17245MC-XXX-5A4

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NXP Semiconductors
PCA84C122 PHILIPS-PCA84C122 Datasheet
142Kb / 24P
   8-bit microcontrollers for remote control transmitters
1995 May 01
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com