Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ4.3BS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UZ4.3BS
Description  Low reverse leakage, Low zener impedance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UZ4.3BS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UZ4.3BS Datasheet HTML 1Page - List of Unclassifed Manufacturers UZ4.3BS Datasheet HTML 2Page - List of Unclassifed Manufacturers UZ4.3BS Datasheet HTML 3Page - List of Unclassifed Manufacturers UZ4.3BS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIYU R
UZ2.0BS
5120
0.5
120
5
0.7
120
1.0
A
B
B
A
B
A
B
A
B
1.88
2.20
1.88
2.10
2.02
2.20
2.12
2.41
2.12
2.30
2.22
2.41
2.33
2.63
2.33
2.52
2.43
2.63
2.54
2.91
2.54
2.75
2.69
2.91
2.85
3.22
2.85
3.07
3.01
3.22
UZ2.7BS
5
特征 Features
·最大功率耗散500mW。
Maximum power dissipation of 500 mW
·齐纳击穿阻抗低。
Low zener impedance
机械数据
Mechanical Data
封装: DO-35 玻璃封装
Case: DO-35 Glass Case
极性: 色环端为负极
Polarity: Color band denotes cathode end
安装位置: 任意
Mounting Position: Any
·高稳定性和可靠性。
High stability and high reliability
·反向漏电流小。
Low reverse leakage
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
DO-35 Glass
Unit:mm
CATHODE
MARK
max. 0.52
3.8 0.2
min. 27.5
min. 27.5
1.8 0.2
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
A
UZ2.2BS
UZ2.4BS
UZ3.0BS
5
5
100
50
1.0
1.0
520
UZ3.3BS
A
B
3.16
3.53
3.16
3.38
3.32
3.53
1.0
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
最小值 MIN. 最大值 MAX.
IR(µA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
测试条件
Test condition
5
5
5
5
5
5
100
100
100
100
100
100
mW
175
Tj
存储温度
单位 Unit
参数
Parameter
符号
Symbols
数值
Value
功率消耗
工作结温
-50 --- +150
Pd
Ts
500
Power Dissipation
Operating junction temperature
Storage temperature range
UZ_BS Series
- 379 -
大昌电子
DACHANG ELECTRONICS


Similar Part No. - UZ4.3BS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ4110 MICROSEMI-UZ4110 Datasheet
91Kb / 2P
   POWER ZENERS
logo
Digitron Semiconductors
UZ4110 DIGITRON-UZ4110 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ4110 NJSEMI-UZ4110 Datasheet
104Kb / 2P
   POWER ZENERS
logo
Microsemi Corporation
UZ4111 MICROSEMI-UZ4111 Datasheet
91Kb / 2P
   POWER ZENERS
logo
Digitron Semiconductors
UZ4111 DIGITRON-UZ4111 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
More results

Similar Description - UZ4.3BS

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
   Low reverse leakage
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
   Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
   Low reverse leakage
logo
DIOTEC Electronics Corp...
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
   Low reverse leakage
1N4001 DEC-1N4001_10 Datasheet
664Kb / 2P
   Low reverse leakage
10A05 DEC-10A05 Datasheet
672Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com