Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML312BCT Datasheet(PDF) 2 Page - Rohm

Part # SML312BCT
Description  High Brightness Type Mini-molded chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML312BCT Datasheet(HTML) 2 Page - Rohm

  SML312BCT Datasheet HTML 1Page - Rohm SML312BCT Datasheet HTML 2Page - Rohm SML312BCT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT LED LAMPS
Electrical Characteristic Curves
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
20
30
10
0
TEMPERATURE : Ta
(℃)
-20 -10 0 10 20 30 40 50 60 70 80 90 100
150
100
50
0
FORWARD CURRENT : mA
510
15
20
0
1
1
10
5
3.5
10
100
1000
10000
PULSE DURATION : Tw
(μs)
SML310BAT
SML311BBT
SML312BCT
SML311EBT
SML312ECT
SML310BAT
SML311BBT
SML312BCT
SML311EBT
SML312ECT
SML310BAT
SML311BBT
SML312BCT
SML311EBT
SML312ECT
SML310BAT
SML311BBT
SML312BCT
SML311EBT
SML312ECT
SML310BAT
SML311BBT
SML312BCT
SML311EBT
SML312ECT
Ta=25℃
100
10
2.8
3.0
3.2
3.6
3.4
3.8
4.0
1
FORWARD VOLTAGE : VF
(V)
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-30 -20 -10
50
0 10203040
70
60
80 90 100
CASE TEMPERATURE : Ta
(℃)
IF=20mA
Ta=25℃


Similar Part No. - SML312BCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML312BCT ETC1-SML312BCT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML312BCT ROHM-SML312BCT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML312BCT ROHM-SML312BCT Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
SML312BCT ROHM-SML312BCT Datasheet
1Mb / 4P
   1608 standard size(1.6x0.8mm, t=0.8mm)
SML312BCT ROHM-SML312BCT Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Similar Description - SML312BCT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-412 ROHM-SML-412 Datasheet
137Kb / 3P
   High Brightness Type Mini-molded chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-510 ROHM-SML-510 Datasheet
253Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310MTT86 ROHM-SML-310MTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-210X ROHM-SML-210X Datasheet
881Kb / 3P
   Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com