Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8J1 Datasheet(PDF) 4 Page - Rohm

Part # SP8J1
Description  Switching (−30V, −5.0A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J1 Datasheet(HTML) 4 Page - Rohm

  SP8J1 Datasheet HTML 1Page - Rohm SP8J1 Datasheet HTML 2Page - Rohm SP8J1 Datasheet HTML 3Page - Rohm SP8J1 Datasheet HTML 4Page - Rohm SP8J1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SP8J1
Transistors
4/4
Measurement circuits
Fig.10 Switching Time Test Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.11 Switching Time Waveforms
90%
10%
10%
90%
90%
10%
VGS
VDS
ton
toff
tr
td(on)
tr
td(off)
Fig.12 Gate Charge Test Circuit
VGS
IG(Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.13 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd


Similar Part No. - SP8J1

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
SP8J2 ROHM-SP8J2 Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8J2TB ROHM-SP8J2TB Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8J3 ROHM-SP8J3 Datasheet
113Kb / 5P
   4V Drive PchPch MOS FET
logo
VBsemi Electronics Co.,...
SP8J3-TB VBSEMI-SP8J3-TB Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SP8J1

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS090P03 ROHM-RSS090P03 Datasheet
85Kb / 5P
   Switching (−30V, −9.0A)
SP8J4 ROHM-SP8J4 Datasheet
66Kb / 5P
   Switching (−30V, −2.0A)
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
2SB1733 ROHM-2SB1733_1 Datasheet
113Kb / 3P
   General purpose amplification (−30V, −1A)
2SB1694 ROHM-2SB1694_1 Datasheet
76Kb / 3P
   General purpose amplification (−30V, −1A)
QST3 ROHM-QST3 Datasheet
67Kb / 3P
   General purpose amplification (−30V, −5A)
2SB1710 ROHM-2SB1710_1 Datasheet
112Kb / 3P
   General purpose amplification (−30V, −1A)
2SAR512P ROHM-2SAR512P_09 Datasheet
226Kb / 5P
   Medium Power Transistors (−30V / −2A)
US6T9 ROHM-US6T9_1 Datasheet
113Kb / 3P
   General purpose amplification (−30V, −1A)
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
   Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com