Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8J4 Datasheet(PDF) 2 Page - Rohm

Part # SP8J4
Description  Switching (−30V, −2.0A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J4 Datasheet(HTML) 2 Page - Rohm

  SP8J4 Datasheet HTML 1Page - Rohm SP8J4 Datasheet HTML 2Page - Rohm SP8J4 Datasheet HTML 3Page - Rohm SP8J4 Datasheet HTML 4Page - Rohm SP8J4 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP8J4
Transistors
2/4
Absolute maximum ratings (Ta=25
°C)
∗1
∗2
∗1
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
−30
±20
±2.0
±8.0
−1.6
−8.0
2.0
150
−55 to +150
Limits
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Body diode characteristics (source-drain characteristics)
VSD
−−
−1.2
V
IS
= −1.6A, VGS=0V
Forward voltage
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−−
±10
µAVGS=±20V, VDS=0V
VDD
−15V
−30
−−
VID
= −1mA, VGS=0V
−−
−1
µAVDS= −30V, VGS=0V
−1.0
−−2.5
V
VDS
= −10V, ID= −1mA
170
235
ID
= −2.0A, VGS= −10V
270
375
m
m
m
ID
= −1.0A, VGS= −4.5V
320
440
ID
= −1.0A, VGS= −4.0V
1.0
−−
SVDS
= −10V, ID= −1.0A
190
pF
VDS
= −10V
45
30
pF
VGS
=0V
7
pF
f
=1MHz
10
ns
25
ns
4.5
ns
2.4
ns
1.0
nC
0.8
nC
VGS
= −5V
−−
nC
ID
= −2.0A
VDD
−15V
ID
= −1.0A
VGS
= −10V
RL
=15Ω
RGS
=10Ω


Similar Part No. - SP8J4

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J1 ROHM-SP8J1 Datasheet
67Kb / 5P
   Switching (−30V, −5.0A)
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
SP8J2 ROHM-SP8J2 Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8J2TB ROHM-SP8J2TB Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8J3 ROHM-SP8J3 Datasheet
113Kb / 5P
   4V Drive PchPch MOS FET
More results

Similar Description - SP8J4

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS090P03 ROHM-RSS090P03 Datasheet
85Kb / 5P
   Switching (−30V, −9.0A)
SP8J1 ROHM-SP8J1 Datasheet
67Kb / 5P
   Switching (−30V, −5.0A)
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
2SB1733 ROHM-2SB1733_1 Datasheet
113Kb / 3P
   General purpose amplification (−30V, −1A)
2SB1694 ROHM-2SB1694_1 Datasheet
76Kb / 3P
   General purpose amplification (−30V, −1A)
QST3 ROHM-QST3 Datasheet
67Kb / 3P
   General purpose amplification (−30V, −5A)
2SB1710 ROHM-2SB1710_1 Datasheet
112Kb / 3P
   General purpose amplification (−30V, −1A)
2SAR512P ROHM-2SAR512P_09 Datasheet
226Kb / 5P
   Medium Power Transistors (−30V / −2A)
US6T9 ROHM-US6T9_1 Datasheet
113Kb / 3P
   General purpose amplification (−30V, −1A)
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
   Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com