Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K2 Datasheet(PDF) 2 Page - Rohm

Part # SP8K2
Description  Switching (30V, 6.0A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K2 Datasheet(HTML) 2 Page - Rohm

  SP8K2 Datasheet HTML 1Page - Rohm SP8K2 Datasheet HTML 2Page - Rohm SP8K2 Datasheet HTML 3Page - Rohm SP8K2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SP8K2
Transistors
2/3
Electrical characteristics (Ta=25
°C)
It is the same characteristics for the Tr. 1 and Tr. 2.
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
Gate-source leakage
V(BR) DSS
Drain-source breakdown voltage
IDSS
Zero gate voltage drain current
VGS (th)
Gate threshold voltage
Static drain-source on-state
resistance
RDS (on)
Forward transfer admittance
Input capacitance
Output capacitance
Ciss
Reverse transfer capacitance
Coss
Turn-on delay time
Crss
Rise time
td (on)
Turn-off delay time
tr
Fall time
td (off)
Total gate charge
tf
Gate-source charge
Qg
Gate-drain charge
Qgs
Qgd
∗Pulsed
10
µAVGS=20V, VDS=0V
VDD 15V
30
−−
VID
=1mA, VGS=0V
−−
1
µAVDS=30V, VGS=0V
1.0
2.5
V
VDS
=10V, ID=1mA
21
30
ID
=6.0A, VGS=10V
30
42
m
Ω ID=6.0A, VGS=4.5V
33
47
ID
=6.0A, VGS=4V
4.0
−−
SID
=6.0A, VDS=10V
520
pF
VDS
=10V
150
95
pF
VGS
=0V
9
pF
f
=1MHz
VGS
=10V
RL
=5Ω
RGS
=10Ω
21
ns
36
ns
13
ns
7.2
ns
1.8
10.1
nC
2.8
nC
VGS
=5V
−−
nC
ID
=6.0A
ID
=3A, VDD 15V
Body diode characteristics (Source-Drain Characteristics) (Ta=25
°C)
It is the same characteristics for the Tr. 1 and Tr. 2.
Forward voltage
VSD
−−
1.2
V
IS
=6.4A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed


Similar Part No. - SP8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2 ROHM-SP8K2 Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
logo
VBsemi Electronics Co.,...
SP8K2-TB VBSEMI-SP8K2-TB Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Rohm
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
More results

Similar Description - SP8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
SP8K24 ROHM-SP8K24 Datasheet
151Kb / 5P
   Switching (45V, 6.0A)
logo
First Components Intern...
FMT06N30 FCI-FMT06N30 Datasheet
104Kb / 2P
   6.0A 30V N-Channel Enhancement-Mode MOSFET
logo
MagnaChip Semiconductor...
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
logo
Unisonic Technologies
7P30 UTC-7P30 Datasheet
224Kb / 5P
   6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
logo
Rohm
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
   Switching (30V, 3.5A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
   Switching (-30V,-4.0A)
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
   Switching (30V, 9.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
   Switching (30V, 7A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
   Switching (30V, 5.0A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com