Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K2 Datasheet(PDF) 1 Page - Rohm

Part # SP8K2
Description  Switching (30V, 6.0A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K2 Datasheet(HTML) 1 Page - Rohm

  SP8K2 Datasheet HTML 1Page - Rohm SP8K2 Datasheet HTML 2Page - Rohm SP8K2 Datasheet HTML 3Page - Rohm SP8K2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SP8K2
Transistors
1/3
Switching (30V, 6.0A)
SP8K2
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small and Surface Mount Package (SOP8).
Application
Power switching, DC / DC converter.
Structure
Silicon N-channel
MOS FET
External dimensions (Unit : mm)
Each lead has same dimensions
SOP8
5.0
±0.2
0.2
±0.1
1.27
0.4
±0.1
0.1
Absolute maximum ratings (Ta=25
°C)
It is the same ratings for the Tr. 1 and Tr. 2.
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Storage temperature
Continuous
Pulsed
Continuous
Source current
(Body diode)
Pulsed
30
20
±6.0
±24
1.6
6.4
2
150
−55 to +150
Limits
∗1
∗1
∗2
∗1 Pw 10µs, Duty cycle 1%
∗2 MOUNTED ON A CERAMIC BOARD.
Equivalent circuit
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
(1) (2) (3) (4)
(8) (7) (6) (5)
∗2
∗1
∗2
∗1
(8)
(7)
(1)
(2)
(6)
(5)
(3)
(4)
∗A protection diode is included between the gate and
the source terminals to protect the diode against static
electricity when the product is in use. Use the protection
circuit when the fixed voltages are exceeded.
Thermal resistance (Ta=25
°C)
°C / W
Rth (ch-a)
62.5
Parameter
Symbol
Limits
Unit
Channel to ambient
∗MOUNTED ON A CERAMIC BOARD.


Similar Part No. - SP8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2 ROHM-SP8K2 Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
logo
VBsemi Electronics Co.,...
SP8K2-TB VBSEMI-SP8K2-TB Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Rohm
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
More results

Similar Description - SP8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
SP8K24 ROHM-SP8K24 Datasheet
151Kb / 5P
   Switching (45V, 6.0A)
logo
First Components Intern...
FMT06N30 FCI-FMT06N30 Datasheet
104Kb / 2P
   6.0A 30V N-Channel Enhancement-Mode MOSFET
logo
MagnaChip Semiconductor...
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
logo
Unisonic Technologies
7P30 UTC-7P30 Datasheet
224Kb / 5P
   6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
logo
Rohm
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
   Switching (30V, 3.5A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
   Switching (-30V,-4.0A)
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
   Switching (30V, 9.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
   Switching (30V, 7A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
   Switching (30V, 5.0A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com