Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K3 Datasheet(PDF) 3 Page - Rohm

Part # SP8K3
Description  Switching (30V, 7.0A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K3 Datasheet(HTML) 3 Page - Rohm

  SP8K3 Datasheet HTML 1Page - Rohm SP8K3 Datasheet HTML 2Page - Rohm SP8K3 Datasheet HTML 3Page - Rohm SP8K3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SP8K3
Transistors
3/3
Electrical characteristic curves
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE : VDS (V)
10
1000
10000
100
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Coss
Crss
0.01
0.1
1
10
DRAIN CURRENT : ID (A)
1
10
1000
10000
100
Ta
=25°C
VDD
=15V
VGS
=10V
RG
=10
Pulsed
Fig.2 Switching Characteristics
tr
tf
td (off)
td (on)
02468
10
12
14
16
TOTAL GATE CHARGE : Qg (nC)
0
1
2
3
4
5
6
7
8
9
10
Ta
=25°C
VDD
=15V
ID
=7A
RG
=10
Pulsed
Fig.3 Dynamic Input Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
GATE-SOURCE VOLTAGE : VGS (V)
100
10
1
0.1
0.01
0.001
Fig.4 Typical Transfer Characteristics
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VDS
=10V
Pulsed
02468
10
12
14
16
GATE-SOURCE VOLTAGE : VGS (V)
0
300
50
100
150
200
250
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta
=25°C
Pulsed
ID
=7A
ID
=3.5A
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE : VSD (V)
0.01
0.1
1
10
100
Fig.6 Source Current vs.
Source-Drain Voltage
VGS
=0V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
1
10
1000
10000
100
DRAIN CURRENT : ID (A)
Fig.7 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι)
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=10V
Pulsed
0.1
1
10
1
10
1000
10000
100
DRAIN CURRENT : ID (A)
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=4.5V
Pulsed
Fig.8 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙ)
0.1
1
10
1
10
1000
10000
100
VGS
=4V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
DRAIN CURRENT : ID (A)
Fig.9 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙΙ)


Similar Part No. - SP8K3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K31-TB VBSEMI-SP8K31-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K31FRA ROHM-SP8K31FRA Datasheet
1Mb / 8P
   4V Drive NchNch MOSFET
SP8K32 ROHM-SP8K32 Datasheet
98Kb / 5P
   4V Drive NchNch MOSFET
Rev3.0
SP8K32FRA ROHM-SP8K32FRA Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
logo
VBsemi Electronics Co.,...
SP8K33-TB VBSEMI-SP8K33-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SP8K3

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
   Switching (45V, 7.0A)
logo
Mospec Semiconductor
2SC3039 MOSPEC-2SC3039 Datasheet
137Kb / 3P
   POWER TRANSISTORS(7.0A,400V,50W)
2N6315 MOSPEC-2N6315 Datasheet
165Kb / 4P
   POWER TRANSISTORS(7.0A,90W)
logo
Rohm
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
   Switching (30V, 3.5A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
   Switching (-30V,-4.0A)
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
   Switching (30V, 9.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
   Switching (30V, 7A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
   Switching (30V, 5.0A)
RSS125N03 ROHM-RSS125N03 Datasheet
59Kb / 4P
   Switching (30V, 12.5A)
RK4410 ROHM-RK4410 Datasheet
40Kb / 4P
   Switching (30V, 10A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com