Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K4 Datasheet(PDF) 4 Page - Rohm

Part # SP8K4
Description  Switching (30V, 9.0A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K4 Datasheet(HTML) 4 Page - Rohm

  SP8K4 Datasheet HTML 1Page - Rohm SP8K4 Datasheet HTML 2Page - Rohm SP8K4 Datasheet HTML 3Page - Rohm SP8K4 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - SP8K4

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K4 ROHM-SP8K4 Datasheet
65Kb / 4P
   Switching (30V, 9.0A)
SP8K41FRA ROHM-SP8K41FRA Datasheet
2Mb / 15P
   80V NchNch Power MOSFET
SP8K4TB ROHM-SP8K4TB Datasheet
65Kb / 4P
   Switching (30V, 9.0A)
More results

Similar Description - SP8K4

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K4TB ROHM-SP8K4TB Datasheet
65Kb / 4P
   Switching (30V, 9.0A)
QH8KA3 ROHM-QH8KA3 Datasheet
2Mb / 15P
   Nch Nch 30V 9.0A Small Signal MOSFET
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
   Switching (30V, 3.5A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
   Switching (-30V,-4.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
   Switching (30V, 7A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
   Switching (30V, 5.0A)
RSS125N03 ROHM-RSS125N03 Datasheet
59Kb / 4P
   Switching (30V, 12.5A)
RK4410 ROHM-RK4410 Datasheet
40Kb / 4P
   Switching (30V, 10A)
SP8K3 ROHM-SP8K3 Datasheet
60Kb / 4P
   Switching (30V, 7.0A)
RSS140N03 ROHM-RSS140N03 Datasheet
61Kb / 4P
   Switching (30V, 14A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com