Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K24 Datasheet(PDF) 2 Page - Rohm

Part # SP8K24
Description  Switching (45V, 6.0A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K24 Datasheet(HTML) 2 Page - Rohm

  SP8K24 Datasheet HTML 1Page - Rohm SP8K24 Datasheet HTML 2Page - Rohm SP8K24 Datasheet HTML 3Page - Rohm SP8K24 Datasheet HTML 4Page - Rohm SP8K24 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP8K24
Transistor
2/4
Electrical characteristics (Ta=25
°C)
It is the same characteristics for the Tr. 1 and Tr. 2.
Symbol
Min.
Typ.
Max.
Unit
IGSS
--
10
µA
V(BR)DSS
45
--
V
IDSS
--
1
µA
VGS(th)
1.0
2.5
V
18
25
24
34
26
37
|Yfs|
*
6.0
--
S
Ciss
1400
Coss
310
Crss
175
td(on)
*
19
tr
*
30
td(off)
*
72
tf
*
27
Qg
*
15.4
21.6
Qgs
*
3.7
Qgd
*
6.5
nC
G
D
Ze
G
S
r
Fo
I
O
R
T
Ri
T
Fa
To
Ga
Ga
* p
ate-source leakage
te-source charge
te-drain charge
ulsed
ro gate voltage drain current
ate threshold voltage
tatic drain-source on-state
esistance
rward transfer admittance
nput capacitance
utput capacitance
everce transfer capacitance
urn-on delay time
se time
tal gate charge
urn-off delay time
ll time
VDS=10V/ID=6.0A
VDS=10V
VGS=0V
f=1MHz
VDD=25V
ID=3.0A
VGS=10V
RL=8Ω/RG=10Ω
RDS(on) *
m
pF
ns
ID=6.0A/VGS=4.5V
ID=6.0A/VGS=10V
VDS=10V/ID=1mA
VDD=25V/ID=6.0A
VGS=5V
RL=4Ω/RG=10Ω
ID=6.0A/VGS=4.0V
VDS=45V/VGS=0V
ID=1mA/VGS=0V
VGS=20V/VDS=0V
Condition
rain-source breakdown voltage
Parameter
Body diode characteristics (Source-Drain)
It is the same characteristics for the Tr. 1 and Tr. 2.
Symbol
Min.
Typ.
Max.
Unit
VSD
*
--
1.2
V
* pulsed
Parameter
Condition
rward voltage
IS=6.0A/VGS=0V
Fo


Similar Part No. - SP8K24

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K24-TB VBSEMI-SP8K24-TB Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Rohm
SP8K24FRA ROHM-SP8K24FRA Datasheet
1Mb / 8P
   4V Drive NchNch MOSFET
More results

Similar Description - SP8K24

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
SP8K2 ROHM-SP8K2 Datasheet
59Kb / 4P
   Switching (30V, 6.0A)
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
   Switching (45V, 7.0A)
logo
FETek Technology Corp.
FKD4048B FETEK-FKD4048B Datasheet
479Kb / 4P
   N-Ch 45V Fast Switching MOSFETs
Ver : A
FKBA4048B FETEK-FKBA4048B Datasheet
478Kb / 4P
   N-Ch 45V Fast Switching MOSFETs
Ver : A
logo
Unisonic Technologies
7P30 UTC-7P30 Datasheet
224Kb / 5P
   6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
   600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com