Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K24 Datasheet(PDF) 3 Page - Rohm

Part # SP8K24
Description  Switching (45V, 6.0A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K24 Datasheet(HTML) 3 Page - Rohm

  SP8K24 Datasheet HTML 1Page - Rohm SP8K24 Datasheet HTML 2Page - Rohm SP8K24 Datasheet HTML 3Page - Rohm SP8K24 Datasheet HTML 4Page - Rohm SP8K24 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SP8K24
Transistor
3/4
Electrical characteristic curves
F
Fig.2 Static Drain-Source On-State
Resistance vs. Drain Current (1)
ig.1 Typical Transfer Characteristics
Fig.3 Static Drain-Source On-State
Resistance vs. Drain Current (2)
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current (3)
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Fig.6 Source-Current vs.
Source-Drain Voltage
Fig.7 Typical capacitance vs.
Source-Drain Voltage
Fig.8 Switching Characteristics
Fig.9 Dynamic Input Characteristics
0.01
0.1
1
1.0
1.5
2.0
2.5
3.0
3.5
Gate-Source Voltage : V
GS [V]
10
V
DS=10V
pulsed
Ta=125
oC
   75oC
   25oC
  -25oC
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
V
GS=10V
pulsed
Ta=125
oC
75
oC
25
oC
-25
oC
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
V
GS=4.5V
pulsed
Ta=125
oC
75
oC
25
oC
-25
oC
1
10
100
0.01
0.1
1
10
Drain Current : I
D [A]
1000
V
GS=4V
pulsed
Ta=125
oC
75
oC
25
oC
-25
oC
0
50
100
150
200
0
5
10
15
Gate-Source Voltage : V
GS [V]
I
D=3.0A
I
D=6.0A
Ta=25
oC
pulsed
0.01
0.1
1
10
0.00.5
1.01.5
Source-Drain Voltage : V
SD [V]
Ta=125
oC
75
oC
25
oC
-25
oC
V
GS=0V
pulsed
10
100
1000
10000
0.1
1
10
100
Drain-Source Voltage : V
DS [V]
Ta=25
oC
f=1MHz
V
GS=0V
Ciss
Coss
Crss
1
10
100
1000
10000
0.01
0.1
1
10
Drain Current : I
D [A]
Ta=25
oC
V
DD=25V
V
GS=10V
R
G=10Ω
Pulsed
td(on)
tr
td(off)
tf
0
2
4
6
8
10
010
20
30
Total Gate Charge : Qg [nC]
Ta=25
oC
V
DD=25V
I
D=6.0A
R
G=10Ω
Pulsed


Similar Part No. - SP8K24

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K24-TB VBSEMI-SP8K24-TB Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Rohm
SP8K24FRA ROHM-SP8K24FRA Datasheet
1Mb / 8P
   4V Drive NchNch MOSFET
More results

Similar Description - SP8K24

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
SP8K2 ROHM-SP8K2 Datasheet
59Kb / 4P
   Switching (30V, 6.0A)
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
   Switching (45V, 7.0A)
logo
FETek Technology Corp.
FKD4048B FETEK-FKD4048B Datasheet
479Kb / 4P
   N-Ch 45V Fast Switching MOSFETs
Ver : A
FKBA4048B FETEK-FKBA4048B Datasheet
478Kb / 4P
   N-Ch 45V Fast Switching MOSFETs
Ver : A
logo
Unisonic Technologies
7P30 UTC-7P30 Datasheet
224Kb / 5P
   6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
   600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com