Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K24 Datasheet(PDF) 4 Page - Rohm

Part # SP8K24
Description  Switching (45V, 6.0A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K24 Datasheet(HTML) 4 Page - Rohm

  SP8K24 Datasheet HTML 1Page - Rohm SP8K24 Datasheet HTML 2Page - Rohm SP8K24 Datasheet HTML 3Page - Rohm SP8K24 Datasheet HTML 4Page - Rohm SP8K24 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SP8K24
Transistor
4/4
Measurement circuits
Fig.10 Switching Time Test Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.11 Switching Time Waveforms
90%
50%
50%
10%
10%
90%
90%
10%
VGS
VDS
ton
toff
tr
td(on)
tr
td(off)
Pulse Width
Fig.12 Gate Charge Test Circuit
VGS
IG (Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.13 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd


Similar Part No. - SP8K24

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K24-TB VBSEMI-SP8K24-TB Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Rohm
SP8K24FRA ROHM-SP8K24FRA Datasheet
1Mb / 8P
   4V Drive NchNch MOSFET
More results

Similar Description - SP8K24

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
SP8K2 ROHM-SP8K2 Datasheet
59Kb / 4P
   Switching (30V, 6.0A)
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
   Switching (45V, 7.0A)
logo
FETek Technology Corp.
FKD4048B FETEK-FKD4048B Datasheet
479Kb / 4P
   N-Ch 45V Fast Switching MOSFETs
Ver : A
FKBA4048B FETEK-FKBA4048B Datasheet
478Kb / 4P
   N-Ch 45V Fast Switching MOSFETs
Ver : A
logo
Unisonic Technologies
7P30 UTC-7P30 Datasheet
224Kb / 5P
   6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
   600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com