Electronic Components Datasheet Search |
|
SP8K24 Datasheet(PDF) 1 Page - Rohm |
|
SP8K24 Datasheet(HTML) 1 Page - Rohm |
1 / 5 page SP8K24 Transistor 1/4 Switching (45V, 6.0A) SP8K24 Features 1) Built-in G-S Protection Diode. 2) Small and Surface Mount Package (SOP8). Applications Power switching , DC / DC converter , Inverter Structure Silicon N-channel MOS FET Packaging dimensions External dimensions (Unit : mm) Each lead has same dimensions SOP8 5.0 ±0.2 0.2 ±0.1 1.27 0.4 ±0.1 0.1 de TB Absolute maximum ratings (Ta=25 °C) Equivalent circuit It is the same ratings for the Tr. 1 and Tr. 2. Package Taping Co asic ordering unit(pieces) 2500 B Symbol Limits Unit VDSS 45 V VGSS 20 V Continuous ID ±6.0 A Pulsed IDP ±24 A *1 Continuous IS 1A Pulsed ISP 24 A *1 2 W/TOTAL *2 1.4 W/ELEMENT *2 Tch 150 oC Tstg -55 to +150 oC Parameter Drain-source voltage te-source voltage rain current ource current Body diode) hanel temperature ge of Storage temperature W≦10 µs、Duty cycle≦1% otal power dissipation PD Ga D S ( C Ran *1 P T (1) Tr1 Source (2) Tr1 Gate (3) Tr2 Source (4) Tr2 Gate (5) Tr2 Drain (6) Tr2 Drain (7) Tr1 Drain (8) Tr1 Drain ∗1 ESD PROTECTION DIODE ∗2 BODY DIODE (1) (2) (3) (4) (8) (7) (6) (5) ∗2 ∗1 ∗2 ∗1 (8) (7) (1) (2) (6) (5) (3) (4) ∗A protection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use. Use the protection circuit when the fixed voltages are exceeded. |
Similar Part No. - SP8K24 |
|
Similar Description - SP8K24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |