Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8M3 Datasheet(PDF) 2 Page - Rohm

Part # SP8M3
Description  Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M3 Datasheet(HTML) 2 Page - Rohm

  SP8M3 Datasheet HTML 1Page - Rohm SP8M3 Datasheet HTML 2Page - Rohm SP8M3 Datasheet HTML 3Page - Rohm SP8M3 Datasheet HTML 4Page - Rohm SP8M3 Datasheet HTML 5Page - Rohm SP8M3 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SP8M3
Transistors
Rev.A
2/5
N-ch
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
−−
10
µAVGS=20V, VDS=0V
VDD 15V
Typ.
Max.
Unit
Conditions
V(BR) DSS
30
−−
VID
=1mA, VGS=0V
IDSS
−−
1
µAVDS=30V, VGS=0V
VGS (th)
1.0
2.5
V
VDS
=10V, ID=1mA
36
51
ID
=5.0A, VGS=10V
RDS (on)
52
73
m
Ω ID=5.0A, VGS=4.5V
58
82
ID
=5.0A, VGS=4V
3.0
−−
SID
=5.0A, VDS=10V
Ciss
230
pF
VDS
=10V
Coss
80
50
pF
VGS
=0V
Crss
6
pF
f
=1MHz
VGS
=10V
RL
=6.0Ω
RG
=10Ω
td (on)
8
ns
tr
22
ns
td (off)
5
ns
tf
3.9
ns
Qg
1.1
5.5
nC
Qgs
1.4
nC
VGS
=5V
Qgd
−−
nC
ID
=5.0A
ID
=2.5A, VDD 15V
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
Body diode characteristics (Source-Drain Characteristics) (Ta=25
°C)
VSD
−−
1.2
V
IS
=6.4A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
∗Pulsed


Similar Part No. - SP8M3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8M3-TB VBSEMI-SP8M3-TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Rohm
SP8M31HZG ROHM-SP8M31HZG Datasheet
4Mb / 22P
   60V NchPch Power MOSFET
More results

Similar Description - SP8M3

ManufacturerPart #DatasheetDescription
logo
Rohm
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
   Switching
SP8M4 ROHM-SP8M4 Datasheet
104Kb / 6P
   Switching
SP8M9 ROHM-SP8M9 Datasheet
77Kb / 6P
   Switching
logo
Guangdong Youtai Semico...
IRLML6302 UMW-IRLML6302 Datasheet
464Kb / 6P
   Switching
logo
Rohm
SP8M8 ROHM-SP8M8 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M8 KEXIN-KP8M8 Datasheet
52Kb / 2P
   Switching
KP8M4 KEXIN-KP8M4 Datasheet
52Kb / 2P
   Switching
logo
Rohm
SP8M10 ROHM-SP8M10 Datasheet
76Kb / 6P
   Switching
SP8M7 ROHM-SP8M7 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M9 KEXIN-KP8M9 Datasheet
52Kb / 2P
   Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com