Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8M3 Datasheet(PDF) 1 Page - Rohm

Part # SP8M3
Description  Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M3 Datasheet(HTML) 1 Page - Rohm

  SP8M3 Datasheet HTML 1Page - Rohm SP8M3 Datasheet HTML 2Page - Rohm SP8M3 Datasheet HTML 3Page - Rohm SP8M3 Datasheet HTML 4Page - Rohm SP8M3 Datasheet HTML 5Page - Rohm SP8M3 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP8M3
Transistors
Rev.A
1/5
Switching
SP8M3
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small and Surface Mount Package (SOP8).
Application
Power switching, DC / DC converter.
External dimensions (Unit : mm)
SOP8
Each lead has same dimensions
5.0
±0.2
0.2
±0.1
1.27
0.4
±0.1
0.1
Absolute maximum ratings (Ta=25
°C)
Parameter
V
VDSS
Symbol
30
V
VGSS
20
A
ID
±5.0
A
IDP
±20
A
IS
1.6
A
ISP
20
W
PD
2
°C
Tch
150
°C
Tstg
−55 to +150
Nchannel
−30
−20
±4.5
±18
−1.6
−18
Pchannel
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 MOUNTED ON A CERAMIC BOARD.
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Storage temperature
Continuous
Pulsed
Continuous
Source current
(Body diode)
Pulsed
∗1
∗1
∗2
Equivalent circuit
∗A protection diode is included between the gate and
the source terminals to protect the diode against static
electricity when the product is in use. Use the protection
circuit when the fixed voltages are exceeded.
(1) Tr1 (Nch) Source
(2) Tr1 (Nch) Gate
(3) Tr2 (Pch) Source
(4) Tr2 (Pch) Gate
(5) Tr2 (Pch) Drain
(6) Tr2 (Pch) Drain
(7) Tr1 (Nch) Drain
(8) Tr1 (Nch) Drain
(1) (2) (3) (4)
(8) (7) (6) (5)
∗2
∗1
(8)
(7)
(1)
(2)
∗2
∗1
(6)
(5)
(3)
(4)
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
Thermal resistance (Ta=25
°C)
°C / W
Rth (ch-a)
62.5
Parameter
Symbol
Limits
Unit
Channel to ambient
∗MOUNTED ON A CERAMIC BOARD.


Similar Part No. - SP8M3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8M3-TB VBSEMI-SP8M3-TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Rohm
SP8M31HZG ROHM-SP8M31HZG Datasheet
4Mb / 22P
   60V NchPch Power MOSFET
More results

Similar Description - SP8M3

ManufacturerPart #DatasheetDescription
logo
Rohm
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
   Switching
SP8M4 ROHM-SP8M4 Datasheet
104Kb / 6P
   Switching
SP8M9 ROHM-SP8M9 Datasheet
77Kb / 6P
   Switching
logo
Guangdong Youtai Semico...
IRLML6302 UMW-IRLML6302 Datasheet
464Kb / 6P
   Switching
logo
Rohm
SP8M8 ROHM-SP8M8 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M8 KEXIN-KP8M8 Datasheet
52Kb / 2P
   Switching
KP8M4 KEXIN-KP8M4 Datasheet
52Kb / 2P
   Switching
logo
Rohm
SP8M10 ROHM-SP8M10 Datasheet
76Kb / 6P
   Switching
SP8M7 ROHM-SP8M7 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M9 KEXIN-KP8M9 Datasheet
52Kb / 2P
   Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com