Electronic Components Datasheet Search |
|
SP8M4 Datasheet(PDF) 3 Page - Rohm |
|
SP8M4 Datasheet(HTML) 3 Page - Rohm |
3 / 6 page SP8M4 Transistors Rev.A 3/5 P-ch Electrical characteristics (Ta=25 °C) Parameter Symbol IGSS Yfs Min. − Typ. Max. Unit V(BR) DSS IDSS VGS (th) RDS (on) Ciss Coss Crss td (on) tr td (off) tf Qg Qgs Qgd Conditions ∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗ DS =0V Gate-source leakage Drain-source breakdown voltage Zero gate voltage drain current Gate threshold voltage Static drain-source on-state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge ∗Pulsed −−10 µA −30 −− V −− −1 µA −1.0 −−2.5 V − 20 28 − 25 35 m Ω − 30 42 6.0 −− S − 2600 − pF − 450 350 − pF − 20 − pF − 50 − ns − 110 − ns − 70 − ns − 25 − ns − 5.5 − nC − 10 − nC −− nC VGS = −20V, V VDD −15V ID = −1mA, V VDS = −30V, V VDS = −10V, I ID = −7.0A, V ID = −3.5A, V ID = −3.5A, V ID = −3.5A, V VDS = −10V VGS =0V f =1MHz VGS = −10V RL =4.3Ω RG =10Ω VGS = −5V ID = −7.0A ID = −3.5A, V GS =0V GS =0V D = −1mA GS = −10V GS = −4.5V GS = −4.0V DS = −10V DD −15V Body diode characteristics (Source-Drain Characteristics) (Ta=25 °C) VSD −− −1.2 V IS = −1.6A, V Parameter Symbol Min. Typ. Max. Unit GS =0V Conditions ∗ Forward voltage ∗Pulsed |
Similar Part No. - SP8M4 |
|
Similar Description - SP8M4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |