Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8M4 Datasheet(PDF) 5 Page - Rohm

Part # SP8M4
Description  Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M4 Datasheet(HTML) 5 Page - Rohm

  SP8M4 Datasheet HTML 1Page - Rohm SP8M4 Datasheet HTML 2Page - Rohm SP8M4 Datasheet HTML 3Page - Rohm SP8M4 Datasheet HTML 4Page - Rohm SP8M4 Datasheet HTML 5Page - Rohm SP8M4 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SP8M4
Transistors
Rev.A
5/5
P-ch
Electrical characteristic curves
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
0.01
0.1
1000
10000
100
1
10
100
DRAIN-SOURCE VOLTAGE :
−VDS (V)
Ta
=25°C
f
=1MHz
VGS
=0V
Ciss
Coss
Crss
Fig.2 Switching Characteristics
0.01
0.1
1
10
1000
10000
100
1
10
DRAIN CURRENT :
−ID (A)
Ta
=25°C
VDD
= −15V
VGS
= −10V
RG
=10Ω
Pulsed
td (off)
td (on)
tr
tf
Fig.3 Dynamic Input Characteristics
Ta
=25°C
VDD
= −15V
ID
= −7A
RG
=10Ω
Pulsed
10
15
20
25
30
TOTAL GATE CHARGE : Qg (nC)
0
5
0
1
2
3
4
5
6
7
8
Fig.4 Typical Transfer Characteristics
0.0
0.5
1.0
1.5
0.001
0.01
0.1
1
10
2.0
2.5
3.0
3.5
4.0
GATE-SOURCE VOLTAGE :
−VGS (V)
VDS
= −10V
Pulsed
02468
0
50
100
150
200
10
12
14
16
GATE-SOURCE VOLTAGE :
−VGS (V)
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta
=25°C
Pulsed
ID
=−7.0A
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
ID
=−3.5A
Fig.6 Source Current vs.
Source-Drain Voltage
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE :
−VSD (V)
0.01
0.1
1
10
VGS
=0V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
Fig.7 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι)
VGS
= −10V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
DRAIN CURRENT :
−ID (A)
1
10
0.1
1
10
100
Fig.8 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙ)
0.1
10
100
1000
1
10
DRAIN CURRENT :
−ID (A)
VGS
= −4.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
Fig.9 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙΙ)
0.1
1
10
10
100
1000
VGS
= −4V
Pulsed
DRAIN CURRENT :
−ID (A)
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C


Similar Part No. - SP8M4

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M41FRA ROHM-SP8M41FRA Datasheet
4Mb / 23P
   80V NchPch Power MOSFET
SP8M41HZG ROHM-SP8M41HZG Datasheet
4Mb / 22P
   80V NchPch Power MOSFET
SP8M4FRA ROHM-SP8M4FRA Datasheet
4Mb / 23P
   30V NchPch Power MOSFET
More results

Similar Description - SP8M4

ManufacturerPart #DatasheetDescription
logo
Rohm
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
   Switching
SP8M9 ROHM-SP8M9 Datasheet
77Kb / 6P
   Switching
logo
Guangdong Youtai Semico...
IRLML6302 UMW-IRLML6302 Datasheet
464Kb / 6P
   Switching
logo
Rohm
SP8M8 ROHM-SP8M8 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M8 KEXIN-KP8M8 Datasheet
52Kb / 2P
   Switching
KP8M4 KEXIN-KP8M4 Datasheet
52Kb / 2P
   Switching
logo
Rohm
SP8M3 ROHM-SP8M3 Datasheet
107Kb / 6P
   Switching
SP8M10 ROHM-SP8M10 Datasheet
76Kb / 6P
   Switching
SP8M7 ROHM-SP8M7 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M9 KEXIN-KP8M9 Datasheet
52Kb / 2P
   Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com