Electronic Components Datasheet Search |
|
SP8M5 Datasheet(PDF) 1 Page - Rohm |
|
SP8M5 Datasheet(HTML) 1 Page - Rohm |
1 / 6 page SP8M5 Transistors 1/5 Switching SP8M5 Features 1) Low on-resistance. 2) Built-in G-S Protection Diode. 3) Small and Surface Mount Package (SOP8). Application Power switching, DC / DC converter. External dimensions (Unit : mm) SOP8 Each lead has same dimensions 5.0 ±0.2 0.2 ±0.1 1.27 0.4 ±0.1 0.1 Absolute maximum ratings (Ta=25 °C) Parameter V VDSS Symbol V VGSS A ID A IDP A IS A ISP W PD °C Tch °C Tstg Nchannel Pchannel Limits Unit Drain-source voltage Gate-source voltage Drain current Total power dissipation (TC =25°C) Channel temperature Storage temperature Continuous Pulsed Continuous Source current (Body diode) Pulsed 2 150 −55 to +150 2 150 −55 to +150 ∗1 Pw≤10µs, Duty cycle≤1% ∗2 MOUNTED ON A CERAMIC BOARD. ∗1 ∗1 ∗2 30 ±20 ±6.0 ±24 1.6 6.4 −30 ±20 ±7.0 ±28 −1.6 −28 Equivalent circuit ∗A protection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use. Use the protection circuit when the fixed voltages are exceeded. (1) Tr1 (Nch) Source (2) Tr1 (Nch) Gate (3) Tr2 (Pch) Source (4) Tr2 (Pch) Gate (5) Tr2 (Pch) Drain (6) Tr2 (Pch) Drain (7) Tr1 (Nch) Drain (8) Tr1 (Nch) Drain (1) (2) (3) (4) (8) (7) (6) (5) ∗2 ∗1 (8) (7) (1) (2) ∗2 ∗1 (6) (5) (3) (4) ∗1 ESD PROTECTION DIODE ∗2 BODY DIODE Thermal resistance (Ta=25 °C) °C / W Rth (ch-A) 62.5 Parameter Symbol Limits Unit Channel to ambient ∗ ∗MOUNTED ON A CERAMIC BOARD. |
Similar Part No. - SP8M5 |
|
Similar Description - SP8M5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |