Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCOA0J156M Datasheet(PDF) 8 Page - Rohm

Part # TCOA0J156M
Description  Chip tantalum capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOA0J156M Datasheet(HTML) 8 Page - Rohm

Back Button TCOA0J156M Datasheet HTML 2Page - Rohm TCOA0J156M Datasheet HTML 3Page - Rohm TCOA0J156M Datasheet HTML 4Page - Rohm TCOA0J156M Datasheet HTML 5Page - Rohm TCOA0J156M Datasheet HTML 6Page - Rohm TCOA0J156M Datasheet HTML 7Page - Rohm TCOA0J156M Datasheet HTML 8Page - Rohm TCOA0J156M Datasheet HTML 9Page - Rohm TCOA0J156M Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TCO series
Tantalum capacitors
8/9
(3) Derating voltage as function of temperature
50
60
70
80
90
100
75
85
95
105
TEMPERATURE (
°C)
Fig.4
85
°C
105
°C
Rated Voltage
4
6.3
10
5.2
8
13
3.2
2.5
3.2
2
5
8
Surge Voltage
Category Voltage
(V.DC)
(V.DC)
(V.DC)
(4) Reliability
The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of
usage (ambient temperature, applied voltage, circuit resistance).
Formula for calculating malfunction rate
λp = λb × (πE × πSR × πQ × πCV)
λp : Malfunction rate stemming from operation
λb : Basic malfunction rate
πE : Environmental factors
πSR : Series resistance
πQ : Level of malfunction rate
πCV : Capacitance
For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic
capacitors column in MIL-HDBK-217.
(5) Impedance frequency characteristics
(6) ESR frequency characteristics
TCOA0J226M
A case 6.3V22
µF
FREQUENCY
(kHz)
0.01
1.00
10.00
100.00
0.1
1
10
100
1000
10000
Fig.5
TCOA0J226M
A case 6.3V22
µF
FREQUENCY
(kHz)
0.01
0.010
0.100
1.000
10.000
0.1
1
10
100
1000
10000
Fig.6


Similar Part No. - TCOA0J156M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCOA0J156M8R ROHM-TCOA0J156M8R Datasheet
136Kb / 6P
   Chip tantalum capacitors
More results

Similar Description - TCOA0J156M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com