Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP0J225M Datasheet(PDF) 2 Page - Rohm

Part # TCP0J225M
Description  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCP0J225M Datasheet(HTML) 2 Page - Rohm

  TCP0J225M Datasheet HTML 1Page - Rohm TCP0J225M Datasheet HTML 2Page - Rohm TCP0J225M Datasheet HTML 3Page - Rohm TCP0J225M Datasheet HTML 4Page - Rohm TCP0J225M Datasheet HTML 5Page - Rohm TCP0J225M Datasheet HTML 6Page - Rohm TCP0J225M Datasheet HTML 7Page - Rohm TCP0J225M Datasheet HTML 8Page - Rohm TCP0J225M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
2/13
Rated Table. Marking
A
E
J
N
S
W
a
e
j
n
s
w
µF
Raited voltage (V.DC)
4
0G
1.0
M,P,A
P,A
P,A
1.5
A
2.2
M,P,A
P,A
P
P
M,P
A
3.3
P,A
P
P
P,A
A
4.7
M,P,A M,P,A M,P,A
A
A
A
A
A
A
A
A
6.8
P,A
10
M,P,A
M,P,A
W,P,A
M,P,A
P,A
P,A
A
A
15
P,A
P,A
A
A
22
A
33
A
A
A
47
68
A
A
6.3
0J
10
1A
16
1C
20
1D
25
1E
j J
j a
Voltge code
Voltge code
Capacitance code
Capacitance code
Voltge code
j a
Capacitance code
M case
(1608)
P case
(2012)
Acase
(3216)


Similar Part No. - TCP0J225M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCP0J225M8R ROHM-TCP0J225M8R Datasheet
102Kb / 12P
   Chip tantalum capacitors
TCP0J225M8R ROHM-TCP0J225M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCP0J225M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com