Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMA4 Datasheet(PDF) 2 Page - Rohm

Part # EMA4
Description  General purpose (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA4 Datasheet(HTML) 2 Page - Rohm

  EMA4 Datasheet HTML 1Page - Rohm EMA4 Datasheet HTML 2Page - Rohm EMA4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMA4 / UMA4N / FMA4A
Transistors
Rev.A
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
−50
−50
−5
100
250
250
−0.5
−0.5
−0.3
600
V
V
V
µA
µA
V
MHz
R1
710
13
k
IC
=−50µA
IC
=−1mA
IE
=−50µA
VCB
=−50V
VEB
=−4V
VCE
=−10V, IE=5mA, f=100MHz
IC/IB
=−10mA/−1mA
VCE
=−5V, IC=−1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Input resistance
Electrical characteristics curves
VCE
=−5V
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
1k
500
200
100
50
20
10
5
2
1
COLLECTOR CURRENT : IC
(A)
Fig.1 DC current gain vs. collector
current
Ta
=100°C
25
°C
−40°C
lC/lB
=20
Ta
=100°C
25
°C
−40°C
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
−1
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
COLLECTOR CURRENT : IC
(A)
Fig.2 Collector-emitter saturation
voltage vs. collector current


Similar Part No. - EMA4

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA4 ROHM-EMA4 Datasheet
65Kb / 2P
   General purpose (dual digital transistors)
EMA4 ROHM-EMA4 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
EMA4 ROHM-EMA4 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
logo
Excelics Semiconductor,...
EMA406C EXCELICS-EMA406C Datasheet
149Kb / 4P
   26 - 32 GHz Low Noise MMIC
logo
Rohm
EMA4 ROHM-EMA4_15 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
More results

Similar Description - EMA4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com