Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMH14N Datasheet(PDF) 1 Page - Rohm

Part # UMH14N
Description  General purpose (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMH14N Datasheet(HTML) 1 Page - Rohm

  UMH14N Datasheet HTML 1Page - Rohm UMH14N Datasheet HTML 2Page - Rohm UMH14N Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMH14N / IMH14A
Transistors
Rev.A
1/2
General purpose (dual digital transistors)
UMH14N / IMH14A
Features
1) Two DTC144T chips in a UMT or SMT package.
Equivalent circuit
UMH14N
R1
R1
(3)
(4) (5)
(6)
(2)
(1)
IMH14A
R1
R1
(4)
(3) (2)
(1)
(5)
(6)
Package, marking, and packaging specifications
Type
UMH14N
UMT6
H14
TR
3000
IMH14A
SMT6
H14
T108
3000
Package
Marking
Code
Basic ordering unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pc
Tj
Tstg
Limits
50
50
5
100
300(TOTAL)
150(TOTAL)
UMH14N
IMH14A
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
External dimensions (Unit : mm)
UMH14N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
0.1Min.
2.1
1.25
IMH14A
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
0.3Min.
2.8
1.6
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
50
50
5
100
250
250
0.5
0.5
0.3
600
V
V
V
µA
µA
V
MHz
R1
32.9
47
61.1
k
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=50V
VEB
=4V
VCE
=10V, IE= −5mA, f=100MHz
IC/IB
=10mA/1mA
VCE/IC
=5V/1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Input resistance


Similar Part No. - UMH14N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH14N ROHM-UMH14N Datasheet
72Kb / 2P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
   dual digital transistors (NPN NPN)
logo
Rohm
UMH14N ROHM-UMH14N Datasheet
363Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
UMH14N JIANGSU-UMH14N Datasheet
2Mb / 4P
   Dual Digital Transistors
logo
Rohm
UMH14NTR ROHM-UMH14NTR Datasheet
363Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - UMH14N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com